Electronic Components Datasheet Search
  English  ▼

X  

KD103AW Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KD103AW
Description  Schottky Barrier Switching Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KD103AW Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KD103AW Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-123
3.7+0.1
-0.1
2.7+0.1
-0.1
0.1max
0.50
0.35
1.1+0.05
-0.05
Features
Low forward voltage drop.
Guard ring construction for transient protection.
Negligible reverse recovery time.
Marking
NO.
KD103AW
KD103BW
KD103CW
Marking
S4
S5orS4
S6orS5orS4
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
KD103AW
KD103BW
KD103CW
Unit
Peak repetitive peak reverse voltage
VRRM
Working peak
VRWM
DC blocking voltage
VR
RMS reverse voltage
VR(RMS)
28
21
14
V
Forward continuous current
IFM
mA
Non-Repetitive Peak Forward Surge Curren @t
1.0s
IFRM
A
Power dissipation
Pd
mW
Thermal resistance junction to ambient
RèJA
/W
Storage temperature
Tstg
-65to+125
350
1.5
400
300
V
40
30
20
Schottky Barrier Switching Diodes
KD103AW - KD103CW
(SD103AW-SD103CW)
Electrical Characteristics Ta = 25
Symbol Testconditons
Min
Typ
Max
Unit
KD103AW
40
KD103BW
30
KD103CW
20
IF = 20mA
0.37
IF = 200mA
0.60
KD103AW
VR = 30V
KD103BW
VR = 20V
KD103CW
VR = 10V
CT
VR = 0V, f = 1.0MHz
50
pF
trr
IF =IR = 200mA,Irr =0.1 XIR,RL = 100
10
ns
Reverse Recovery Time
Forward Voltage Drop
VFM
Parameter
Reverse breakdown voltage
V (BR)R
IRM
Total Capacitance
V
IR=100
A
Peak Reverse Current
V
A
5


Similar Part No. - KD103AW

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
KD10 JAE-KD10 Datasheet
295Kb / 6P
SIMPLIFIED COAXIAL, MULTIPLETYPE
logo
LUMEL S.A.
KD10 LUMEL-KD10 Datasheet
1Mb / 6P
PROCESS RECORDER
logo
Japan Aviation Electron...
KD10-RP8-F-0 JAE-KD10-RP8-F-0 Datasheet
55Kb / 2P
Coaxial connector, multiple type, Frequency range to 300MHz, 8 pos., PCB side, socket contact, straight, Receptacle
KD10-RRP-F-0 JAE-KD10-RRP-F-0 Datasheet
295Kb / 6P
SIMPLIFIED COAXIAL, MULTIPLETYPE
KD10-RRP3-F-0 JAE-KD10-RRP3-F-0 Datasheet
295Kb / 6P
SIMPLIFIED COAXIAL, MULTIPLETYPE
More results

Similar Description - KD103AW

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KB160VA-30 KEXIN-KB160VA-30 Datasheet
31Kb / 1P
Schottky Barrier Switching Diodes
logo
Leshan Radio Company
LBAT54ALT1G LRC-LBAT54ALT1G_11 Datasheet
86Kb / 3P
Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54WT1G LRC-LBAT54WT1G_11 Datasheet
146Kb / 3P
Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54XV2T1G LRC-LBAT54XV2T1G Datasheet
150Kb / 3P
Schottky Barrier Diodes Extremely Fast Switching Speed
MA700A LRC-MA700A Datasheet
52Kb / 4P
Schottky barrier diode Glass silicon switching diodes
logo
ON Semiconductor
BAT54XV2T1G ONSEMI-BAT54XV2T1G Datasheet
96Kb / 4P
Schottky Barrier Diodes Extremely Fast Switching Speed
February, 2013 ??Rev. 8
logo
Cystech Electonics Corp...
SD103ASH CYSTEKEC-SD103ASH Datasheet
215Kb / 5P
350mA Schottky Barrier Switching Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
MSD103A AITSEMI-MSD103A Datasheet
484Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER SWITCHING DIODE
REV1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com