Electronic Components Datasheet Search
  English  ▼

X  

KX8530-252RM Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KX8530-252RM
Description  PFM Step-up DC/DC Converter With High Efficiency And Low Noise
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KX8530-252RM Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  KX8530-252RM Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RM Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RM Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RM Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RM Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RM Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RM Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.kexin.com.cn
3
SMD Type
IC
KX8530
Block Diagram
Absolute Maximum Ratings
Input voltage range-----------------------------------------------------------------------------------0.3V
12V
Input voltage: Vi(LX) ---------------------------------------------------------------------------------0.3V
(Vout +0.3)
CE pin voltage-----------------------------------------------------------------------------------------0.3V
(Vout +0.3)
Lx pin output current ---------------------------------------------------------------------------------0.7A
Maximum power dissipation, Pd T=25
SOT-89----------------------------------------------------------------------------------------------0.5W
SOT-153--------------------------------------------------------------------------------------------0.15W
SOT-23----------------------------------------------------------------------------------------------0.15W
Maximum junction temperature ---------------------------------------------------------------------150
Operating free-air temperature range ---------------------------------------------------------
-20
+80
Storage temperature range ---------------------------------------------------------------------- -40
125
Lead temperature and time -------------------------------------------------------------------------260
,10S
Recommended Operating Conditions
Parameter
Min
Nom
Max
Unit
Input voltage range
0.8
Vout
V
Inductor
10
27
100
ìH
Input capacitor
0
10
ìF
Output capacitor
47
100
220
ìF
Operating junction temperature
-20
85



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com