Electronic Components Datasheet Search
  English  ▼

X  

TOIM3000 Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # TOIM3000
Description  Infrared IrDA Integrated Interface Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TOIM3000 Datasheet(HTML) 1 Page - TEMIC Semiconductors

  TOIM3000 Datasheet HTML 1Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 2Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 3Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 4Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 5Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 6Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 7Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 8Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TOIM3000/3232
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A4, 26-Mar-96
1 (9)
Infrared IrDA Integrated Interface Circuits
ULC-Technology: High-performance gate array package using dual metal layer CMOS technology, featuring
sub-micronic channel length (0.8
mm)
Description
The TOIM3xxx series ICs provide proper timing for the
front end infrared transceiver TFDS3000, as specified by
the IrDA standard. In the transmit mode, the TOIM3xxx
provides IrDA-compatible electrical pulses to the in-
frared transceiver TFDS3000 on logic LOW electrical
input. In the receive mode, the TOIM3xxx stretches re-
ceived infrared pulses to the proper bit width at the
operating bit rate. The IrDA bit rate varies from 2.4 to
115.2 kbit/s.
D For the UART interface, the TOIM3000 uses the
1.8432 MHz clock input as the fast clock and the baud
clock output from the UART to do the pulse stretching
and shortening. The baud clock is 16 times the baud
rate. The output pulses are fixed at 1.627
ms or 3/16 of
bit time.
D For the RS232 interface, the TOIM3232 uses an exter-
nal crystal clock 3.6864 MHz for its pulse stretching
and shortening. The TOIM3232 is programmable to
operate from 1200 bit/s to 115.2 kbit/s by the commu-
nication software through the RS232 port. Output
pulses are software-programmable as either 1.627
ms
or 3/16 of bit time.
The typical power consumption of both circuits is very
low with about 10 mW in operational state. It is in the or-
der of magnitude of microwatts in standby mode.
Features
TOIM3000
D Pulse shaping function (shortening and stretching)
used in infrared IrDA standard applications
D Directly interfaces the infrared transceiver
TFDS3000*) to a UART or a microcontroller
D 3 V and 5 V operation with low operating current
D SO16L package
TOIM3232
D Pulse shaping function (shortening and stretching)
used in infrared IrDA standard applications
D Directly interfaces the infrared transceiver
TFDS3000*) to an RS232 port
D Programmable baud clock generator
(1200 Hz
∼ 115 kHz), 13 baud rates
D 3 V and 5 V operation
D SO16L package
*) TFDS3000 is an infrared IrDA transceiver made by TEMIC
Block Diagrams
Pulse
shaper
TD_IR
RD_IR
TD_232
RD_232
XIN
B_CLK
TD_UART
RD_UART
GND
V
RESET
Baud
clock
generator
TD_232
RD_232
BR/D
GND
RESET
X1
TD_IR
RD_IR
TD_LED
RD_LED
X2
3.6864 MHz
S2
S1
CC
VCC
Pulse
shaper
TOIM3000
TOIM3232


Similar Part No. - TOIM3000

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
TOIM3232 TFUNK-TOIM3232 Datasheet
149Kb / 9P
High-Performance gate array package using dual metal layer CMOS technology
More results

Similar Description - TOIM3000

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TFDS3000 TEMIC-TFDS3000 Datasheet
221Kb / 10P
Integrated Infrared Transceiver Module IrDA (SIR)
logo
Maxim Integrated Produc...
MAX3130 MAXIM-MAX3130 Datasheet
220Kb / 16P
3V to 5.5V, IrDA Infrared Transceiver with Integrated RS-232 Interface
19-1402; Rev 0; 11/98
logo
Rohm
RPM872-H7 ROHM-RPM872-H7 Datasheet
89Kb / 7P
IrDA infrared communication module
logo
Vishay Siliconix
TOIM4232 VISHAY-TOIM4232 Datasheet
230Kb / 14P
SIR Endec for IrDA Applications Integrated Interface Circuit
06-Jun-06
logo
Rohm
RPM871-H7 ROHM-RPM871-H7 Datasheet
93Kb / 7P
IrDA Infrared communication Module
RPM882-H14 ROHM-RPM882-H14 Datasheet
126Kb / 10P
IrDA Infrared Communication Module
RPM871-H12 ROHM-RPM871-H12 Datasheet
103Kb / 8P
IrDA Infrared communication Module
RPM970-H14 ROHM-RPM970-H14 Datasheet
127Kb / 8P
IrDA Infrared Communication Module
RPM841-H16 ROHM-RPM841-H16 Datasheet
92Kb / 10P
IrDA Infrared Communication Module
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
Infrared IrDA Compliant Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com