Electronic Components Datasheet Search
  English  ▼

X  

KAS20W Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KAS20W
Description  Surface Mount Fast Switching Diode Array
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KAS20W Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KAS20W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Surface Mount Fast Switching Diode Array
KAS19W - KAS21W
(BAS19W - BAS21W)
Features
Fast Switching Speed
Surface Mount Package ldeally Suited for Automatic Insertion
For General Purpose Switching Applications
High Conductance
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Reverse Breakdown Voltage
KAS19W
120
KAS20W
200
KAS21W
250
IF = 100mA
1.0
IF = 200mA
1.25
Tj = 25
100
nA
Tj =100
15
A
Junction Capacitance
Cj
VR =0,f=1.0MHz
5
pF
Reverse Recovery Time
trr
IF =IR =30mA,Irr =0.1 XIR,RL = 100
50
ns
V
V(BR)R
IR=100
A
V
VF
Forward Voltage
IR
Reverse Current
@ Rated DC Blocking Voltage
Marking
NO.
KAS19W
KAS20W
KAS21W
Marking
KA8 or KT2 or KT3
KT2 or KT3
KT3
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
KAS19W
KAS20W
KAS21W
Unit
Non-Repetitive Peak Reverse Voltage
VRM
120
200
250
V
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
71
106
140
V
Average Rectified Output Current
IO
mA
Forward Continuous Current
IFM
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
s
@t=1.0s
Repetitive Peak Forward Surge Current
IFRM
mA
Power Dissipation
Pd
mW
Thermal Resistance Junction to Ambient Air
R JA
K/W
Operating and Storage Temperature Range
T,TSTG
625
200
625
-65 to +150
A
100
V
IFSM
150
200
200
400
2.5
0.5


Similar Part No. - KAS20W

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KAS21 KEXIN-KAS21 Datasheet
41Kb / 1P
Surface Mount Switching Diodes
logo
E-SWITCH
KAS2102ET E-SWITCH-KAS2102ET Datasheet
147Kb / 2P
SLIDE DIP SWITCHES
KAS2102RT E-SWITCH-KAS2102RT Datasheet
147Kb / 2P
SLIDE DIP SWITCHES
KAS2103ET E-SWITCH-KAS2103ET Datasheet
147Kb / 2P
SLIDE DIP SWITCHES
KAS2103RT E-SWITCH-KAS2103RT Datasheet
147Kb / 2P
SLIDE DIP SWITCHES
More results

Similar Description - KAS20W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HTM DIODES-MMBD4448HTM Datasheet
65Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. A-2
MMBD4448HTM DIODES-MMBD4448HTM_1 Datasheet
336Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. 5 - 2
logo
Comchip Technology
CDSV6-4448C2 COMCHIP-CDSV6-4448C2 Datasheet
85Kb / 2P
Surface Mount FAST Switching Diode ARRAY
logo
Guangdong Kexin Industr...
MMBD4148TW KEXIN-MMBD4148TW Datasheet
42Kb / 2P
Surface Mount Fast Switching Diode Array
MMBD4448HTW KEXIN-MMBD4448HTW Datasheet
42Kb / 2P
Surface Mount Fast Switching Diode Array
KAS16TW KEXIN-KAS16TW Datasheet
44Kb / 1P
Surface Mount Fast Switching Diode Array
logo
Pan Jit International I...
MMBD4448W6 PANJIT-MMBD4448W6 Datasheet
240Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Diodes Incorporated
MMBD4448HCQW DIODES-MMBD4448HCQW_15 Datasheet
115Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Rev erse
BAS16TWQ DIODES-BAS16TWQ Datasheet
206Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Rev 2
logo
Rectron Semiconductor
BAS21TW RECTRON-BAS21TW Datasheet
115Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com