Electronic Components Datasheet Search
  English  ▼

X  

KLL4002 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KLL4002
Description  Silicon Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KLL4002 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KLL4002 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Diodes
1
www.kexin.com.cn
Features
Nominal current 1A
Repetitive peak reverse voltage 50V to 1000V
Absolute Maximum Ratings Ta = 25
Symbol
Rating
Unit
KLL4001
50
KLL4002
100
KLL4003
200
KLL4004
400
KLL4005
600
KLL4006
800
KLL4007
1000
Nominal Current with Resistive Load Tamb=25
IFAV
1
A
Surge Forward Current, 8.3ms Superimposed
IFSM
30
A
Ambient Operating Temperature Range
Tamb
-65to175
Storage Temperature Range
Ts
-65to175
VRRM
V
Repetitive Peak Reverse Voltage
Parameter
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Forwarad voltage
VF
IF=1A,Tj=25
1.1
V
Leakage Current
IR
at VRRM,Tj=25
5
A
Silicon Rectifiers
KLL4001-KLL4007
LL-41
Unit: mm
0.4
4.8
2.55
2.35
5.2


Similar Part No. - KLL4002

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KLL4002 KEXIN-KLL4002 Datasheet
349Kb / 1P
Rectifiers Diodes
More results

Similar Description - KLL4002

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYW27-50 EIC-BYW27-50 Datasheet
15Kb / 2P
SILICON RECTIFIERS
logo
Diotec Semiconductor
1N5391 DIOTEC-1N5391 Datasheet
177Kb / 2P
Silicon Rectifiers
BY251 DIOTEC-BY251 Datasheet
188Kb / 2P
Silicon Rectifiers
logo
Yangzhou yangjie electr...
30A YANGJIE-30A Datasheet
263Kb / 2P
SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
1N3260 NJSEMI-1N3260 Datasheet
171Kb / 1P
Silicon Rectifiers
logo
Guangdong Juxing Electr...
RL201 JUXING-RL201 Datasheet
3Mb / 2P
SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
N3260-73 NJSEMI-N3260-73 Datasheet
64Kb / 1P
Silicon Rectifiers
logo
Taiwan Semiconductor Co...
1N5391 TSC-1N5391_14 Datasheet
198Kb / 4P
Silicon Rectifiers
1N5400 TSC-1N5400_14 Datasheet
181Kb / 4P
Silicon Rectifiers
logo
Guangdong Juxing Electr...
6A05 JUXING-6A05 Datasheet
417Kb / 2P
SILICON RECTIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com