Electronic Components Datasheet Search
  English  ▼

X  

2SJ360 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ360
Description  MOS Field Effect Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ360 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ360 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SJ360 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
www.kexin.com.cn
MOSFET
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain cut-off current
IDSS
VDS=-60V,VGS=0
100
A
Gate leakage current
IGSS
VGS=
16V,VDS=0
10
A
Gate threshold voltage
Vth
VDS=-10V,ID=-1mA
-0.8
-2.0
V
Forward transfer admittance
Yfs
VDS=-10V,ID=-0.5A
0.5
0.9
S
VGS=-4V,ID=-0.5A
0.86
1.2
VGS=-10V,ID=-0.5A
0.55
0.73
Input capacitance
Ciss
155
pF
Output capacitance
Coss
20
pF
Reverse transfer capacitance
Crss
75
pF
Turn-on delay time
td(on)
20
ns
Rise time
tr
17
ns
Turn-off delay time
td(off)
100
ns
Fall time
tf
20
ns
Total Gate Charge
Qg
6.5
nC
Gate to Source Charge
Qgs
4.5
nC
Gate Drain Charge
Qgd
2.0
nC
Contimuous drain reverse current
IDR
-1
A
Pulse drain reverse current
IDRP
-3
A
Diode forward voltage
VDSF
IDR=-1A,VGS=0V
1.7
V
Reverse recovery time
trr
50
ns
Reverse recovery charge
Qrr
50
c
IDR=-1A,VGS=0V,di/dt=50A/
s
Drain to source on-state resistance
RDS(on)
VGS=-10V,ID=-1A,VDD=-48V
VDS=-10V,VGS=0,f=1MHZ
VGS(on)=-10V,VDD=-30V,ID=--0.5A
RL=60
Marking
Marking
Z8
2SJ360



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com