Electronic Components Datasheet Search
  English  ▼

X  

2SA1313 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1313
Description  Silicon PNP Epitaxial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1313 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1313 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon PNP Epitaxial
2SA1313
Features
High voltage: VCEO = -50 V (min)
Small package
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off current
ICBO
VCB =-50 V, IE =0
-0.1
ìA
Emitter cut-off current
IEBO
VEB =-5V, IC =0
-0.1
ìA
DC current gain
hFE
VCE =-1V, IC = -100 mA
70
240
Collector-emitter saturation voltage
VCE (sat) IC = -100 mA, IB = -10 mA
-0.1
-0.25
V
Base-emitter voltage
VBE
VCE =-1V, IC = -100 mA
-0.8
-1
V
Transition frequency
fT
VCE =-6V, IC = -20 mA
200
MHz
Collector output capacitance
Cob
VCB =-6V, IE = 0, f = 1 MHz
13
pF
hFE Classification
Marking
Rank
O
Y
hFE
70 140
120 240
AC
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-50
V
Collector-emitter voltage
VCEO
-50
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-500
mA
Base current
IB
-50
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150


Similar Part No. - 2SA1313

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1313 TOSHIBA-2SA1313 Datasheet
145Kb / 2P
TRANSISITOR (AUDIO FREQUENCY LOW POWER AMPLIFIER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)
2SA1313 TOSHIBA-2SA1313 Datasheet
316Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1313 TOSHIBA-2SA1313 Datasheet
198Kb / 4P
Audio Frequency Low Power Amplifier Applications
logo
Jiangsu Changjiang Elec...
2SA1313 JIANGSU-2SA1313 Datasheet
700Kb / 4P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SA1313 DGNJDZ-2SA1313 Datasheet
1Mb / 4P
SOT-23 Plastic-Encapsulate Transistors
More results

Similar Description - 2SA1313

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SA778 RENESAS-2SA778 Datasheet
106Kb / 7P
Silicon PNP Epitaxial
2SA893A RENESAS-2SA893A Datasheet
161Kb / 5P
Silicon PNP Epitaxial
2SA1121 RENESAS-2SA1121 Datasheet
65Kb / 5P
Silicon PNP Epitaxial
2SA1122 RENESAS-2SA1122 Datasheet
164Kb / 5P
Silicon PNP Epitaxial
2SA2080 RENESAS-2SA2080_05 Datasheet
172Kb / 6P
Silicon PNP Epitaxial
2SB562 RENESAS-2SB562 Datasheet
157Kb / 6P
Silicon PNP Epitaxial
2SB831 RENESAS-2SB831 Datasheet
160Kb / 6P
Silicon PNP Epitaxial
2SA1468 RENESAS-2SA1468 Datasheet
154Kb / 8P
Silicon PNP Epitaxial
2SB1059 RENESAS-2SB1059 Datasheet
139Kb / 6P
Silicon PNP Epitaxial
2SB1409 RENESAS-2SB1409 Datasheet
152Kb / 8P
Silicon PNP Epitaxial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com