Electronic Components Datasheet Search
  English  ▼

X  

KC856A Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KC856A
Description  PNP Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KC856A Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KC856A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KC856A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KC856A Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
Transistors
2
www.kexin.com.cn
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
KC856
-80
KC857
-50
KC858
-30
KC856
-65
KC857
-45
KC858
-30
Emitter-base breakdown voltage
VEBO
IE= -10ìA, IC=0
-5
V
KC856
VCB=-70 V,IE=0
KC857
VCB=-45 V,IE=0
KC858
VCB=-25 V,IE=0
KC856
VCE=-60 V,IB=0
KC857
VCE=-40 V,IB=0
KC858
VCE=-25 V,IB=0
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
A
KC856A, 857A,858A
120
250
KC856B, 857B,858B
220
475
KC857C,KC858C
420
800
Collector-emitter saturation voltage
VCE(sat) IC=-100mA, IB=-5mA
-0.5
V
Base-emitter saturation voltage
VBE(sat) IC= -100 mA, IB= -5mA
-1.1
V
Collector capacitance
Cob
VCB=-10V,f=1MHz
4.5
pF
Transition frequency
fT
VCE=-5V,IC=-
10mA,f=100MHz
100
MHz
V
V
VCE=-5V,IC=-2mA
A
A
-0.1
-0.1
Parameter
Ic= -10ìA, IE=0
Ic=-10 mA,IB=0
ICBO
Collector cut-off current
Collector-base breakdown voltage
VCBO
VCEO
Collector-emitter breakdown voltage
hFE
DC current gain
Collector cut-off current
ICEO
Marking
NO.
KC856A
KC856B
Marking
3A
3B
NO.
KC857A
KC857B
KC857C
Marking
3E
3F
3G
NO.
KC858A
KC858B
KC858C
Marking
3J
3K
3L
KC856A,B/KC857A,B,C/KC858A,B,C
(BC856A,B/BC857A,B,C/BC858A,B,C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com