Electronic Components Datasheet Search
  English  ▼

X  

U211B3 Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # U211B3
Description  Phase Control Circuit - General Purpose Feedback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U211B3 Datasheet(HTML) 6 Page - TEMIC Semiconductors

Back Button U211B3 Datasheet HTML 2Page - TEMIC Semiconductors U211B3 Datasheet HTML 3Page - TEMIC Semiconductors U211B3 Datasheet HTML 4Page - TEMIC Semiconductors U211B3 Datasheet HTML 5Page - TEMIC Semiconductors U211B3 Datasheet HTML 6Page - TEMIC Semiconductors U211B3 Datasheet HTML 7Page - TEMIC Semiconductors U211B3 Datasheet HTML 8Page - TEMIC Semiconductors U211B3 Datasheet HTML 9Page - TEMIC Semiconductors U211B3 Datasheet HTML 10Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
U211B2/ B3
TELEFUNKEN Semiconductors
Rev. A1, 29-May-96
6 (20)
Design Hints
Practical trials are normally needed for the exact
determination of the values of the relevant components in
the load limiting. To make this evaluation easier, the
following table shows the effect of the circuitry on the
important parameters of the load limiting and summarises
the general tendencies.
Parameters
Component affected
R10
R9
C9
Pmax
increases
decreases
n.e.
Pmin
increases
decreases
n.e.
Pmax / min
increases
n.e.
n.e.
td
n.e.
decreases
increases
tr
n.e.
increases
increases
Pmax – maximum continuous power dissipation
P1 = f(n) n
0 0
Pmin
– power dissipation with no rotation
P1 = f(n) n = 0
td
– operation delay time
tr
– recovery time
n.e
– no effect
Pulse Output Stage
The pulse output stage is short circuit protected and can
typically deliver currents of 125 mA. For the design of
smaller triggering currents, the function IGT = f(RGT) has
been given in the data sheets in the appendix.
Automatic Retriggering
The variable automatic retriggering prevents half cycles
without current flow, even if the triac is turned off earlier
e.g. due to a collector which is not exactly centered (brush
lifter) or in the event of unsuccessful triggering. If it is
necessary, another triggering pulse is generated after a
time lapse which is determined by the repetition rate set
by resistance between Pin 5 and Pin 3 (R5-3). With the
maximum repetition rate (Pin 5 directly connected to
Pin 3), the next attempt to trigger comes after a pause of
4.5 tp and this is repeated until either the triac fires or the
half-cycle finishes. If Pin 5 is connected, then only one
trigger pulse per half-cycle is generated. Because the
value of R5-3 determines the charging current of C2, any
repetition rate set using R5-3 is only valid for a fixed value
of C2.
General Hints and Explanation of Terms
To ensure safe and trouble-free operation, the following
points should be taken into consideration when circuits
are being constructed or in the design of printed circuit
boards.
–
The connecting lines from C2 to Pin 7 and Pin 2
should be as short as possible: The connection to Pin 2
should not carry any additional high current such as
the load current. When selecting C2, a low
temperature coefficient is desirable.
–
The common (earth) connections of the set-point
generator,
the
tacho-generator
and
the
final
interference suppression capacitor C4 of the f/V
converter should not carry load current.
–
The tacho-generator should be mounted without
influence by strong stray fields from the motor.
–
The connections from R10 and C5 should be as short
as possible.
To achieve a high noise immunity, a maximum ramp
voltage of 6 V should be used.
The typical resistance Rö can be calculated from Iö as
follows:
Rö (kW) +
T(ms)
1.13(V)
103
C nF)
6(V)
T =
Period duration for mains frequency
(10 ms at 50 Hz)
Cö = Ramp capacitor, max. ramp voltage 6 V
and constant voltage drop at Rö = 1.13 V.
A 10% lower value of Rö (under worst case conditions)
is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com