Electronic Components Datasheet Search
  English  ▼

X  

U211B Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # U211B
Description  Phase Control Circuit - General Purpose Feedback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U211B Datasheet(HTML) 4 Page - TEMIC Semiconductors

  U211B Datasheet HTML 1Page - TEMIC Semiconductors U211B Datasheet HTML 2Page - TEMIC Semiconductors U211B Datasheet HTML 3Page - TEMIC Semiconductors U211B Datasheet HTML 4Page - TEMIC Semiconductors U211B Datasheet HTML 5Page - TEMIC Semiconductors U211B Datasheet HTML 6Page - TEMIC Semiconductors U211B Datasheet HTML 7Page - TEMIC Semiconductors U211B Datasheet HTML 8Page - TEMIC Semiconductors U211B Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
U211B2/ B3
TELEFUNKEN Semiconductors
Rev. A1, 29-May-96
4 (20)
VC3
t
V12
V0
t1
ttot
t2
t3
95 10272
Figure 4. Soft-start
t1
= build-up of supply voltage
t2
= charging of C3 to starting voltage
t1 + t2 = dead time
t3
= run-up time
ttot
= total start-up time to required speed
C3 is first charged up to the starting voltage V0 with
typical 45
mA current (t2). By then reducing the charging
current to approx. 4
mA, the slope of the charging function
is substantially reduced so that the rotational speed of the
motor only slowly increases. The charging current then
increases as the voltage across C3 increases giving a
progressively rising charging function which accelerates
the motor more and more strongly with increasing
rotational speed. The charging function determines the
acceleration up to the set-point. The charging current can
have a maximum value of 55
mA.
Frequency to Voltage Converter
The internal frequency to voltage converter (f/V-
converter) generates a DC signal on Pin 10 which is
proportional to the rotational speed using an AC signal
from a tacho-generator or a light beam whose frequency
is in turn dependent on the rotational speed. The high
impedance input Pin 8, compares the tacho-voltage to a
switch-on threshold of typ. –100 mV. The switch-off
threshold is given with –50 mV.
The
hysteresis
guarantees very reliable operation even when relatively
simple tacho-generators are used. The tacho-frequency is
given by:
f
+ n
60
p(Hz)
where:
n = revolutions per minute
p = number of pulses per revolution
The converter is based on the charge pumping principle.
With each negative half wave of the input signal, a
quantity of charge determined by C5 is internally
amplified and then integrated by C6 at the converter
output on Pin 10. The conversion constant is determined
by C5, its charge transfer voltage of Vch, R6 (Pin 10) and
the internally adjusted charge transfer gain.
k = Gi
C5
R6
Vch
G
i
I
10
I
9
+ 8.3
The analog output voltage is given by
VO = k
@ f
The values of C5 and C6 must be such that for the highest
possible input frequency, the maximum output voltage
VO does not exceed 6 V. While C5 is charging up, the Ri
on Pin 9 is .approx. 6.7 k
W. To obtain good linearity of the
f/V converter the time constant resulting from Ri and C5
should be considerably less (1/5) than the time span of the
negative half-cycle for the highest possible input
frequency. The amount of remaining ripple on the output
voltage on Pin 10 is dependent on C5, C6 and the internal
charge amplification.
∆VO =
Gi
Vch
C5
C6
The ripple
∆Vo can be reduced by using larger values of
C6. However, the increasing speed will then also be
reduced.
The value of this capacitor should be chosen to fit the
particular control loop where it is going to be used.
Pulse Blocking
The output of pulses can be blocked using Pin 18 (standby
operation) and the system reset via the voltage monitor if
V18 ≥ –1.25 V. After cycling through the switching point
hysteresis, the output is released when V18 ≤ –1.5 V
followed by a soft-start such as that after turn on.
Monitoring of the rotation can be carried out by
connecting an RC network to Pin 18. In the event of a
short or open circuit, the triac triggering pulses are cut off
by the time delay which is determined by R and C. The
capacitor C is discharged via an internal resistance
Ri = 2 k
W with each charge transfer process of the f/V
converter. If there are no more charge transfer processes
C is charged up via R until the switch-off threshold is
exceeded and the triac triggering pulses are cut off. For
operation without trigger pulse blocking or monitoring of
the rotation, Pins 18 and 16 must be connected together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com