Electronic Components Datasheet Search
  English  ▼

X  

2SC2873 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2873
Description  Silicon PNP Epitaxial Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2873 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2873 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2873 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Silicon PNP Epitaxial Type
2SC2873
Features
Low saturation voltage: VCE (sat) =0.5 V (max) (IC =1A).
High speed switching time: tstg = 1.0
s(typ.).
Small flat package.
PC = 1.0 to 2.0 W
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5V
Collector current
IC
2A
Base current
IB
0.4
A
PC
500
mW
PC *1
1000
mW
Junction temperature
Tj
150
Storage temperature range
Tstg
-55to+150
*1 Mountedonceramic substrate(250mm
2 X 0.8 t)
Collector power dissipation


Similar Part No. - 2SC2873

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2873 TOSHIBA-2SC2873 Datasheet
187Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
logo
SeCoS Halbleitertechnol...
2SC2873 SECOS-2SC2873 Datasheet
219Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Toshiba Semiconductor
2SC2873 TOSHIBA-2SC2873 Datasheet
163Kb / 5P
Power Amplifier Applications Power Switching Applications
logo
Shenzhen Jin Yu Semicon...
2SC2873 HTSEMI-2SC2873 Datasheet
413Kb / 1P
TRANSISTOR (NPN)
logo
SHENZHEN YONGERJIA INDU...
2SC2873 WINNERJOIN-2SC2873 Datasheet
163Kb / 2P
TRANSISTOR (NPN)
More results

Similar Description - 2SC2873

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
logo
Toshiba Semiconductor
2SA2059 TOSHIBA-2SA2059 Datasheet
182Kb / 5P
SILICON PNP EPITAXIAL TYPE
2SA510 TOSHIBA-2SA510 Datasheet
126Kb / 3P
SILICON PNP EPITAXIAL TYPE
2SB1481 TOSHIBA-2SB1481_06 Datasheet
137Kb / 4P
Silicon PNP Epitaxial Type
2SB1495 TOSHIBA-2SB1495_06 Datasheet
137Kb / 4P
Silicon PNP Epitaxial Type
logo
Guangdong Kexin Industr...
2SA1163 KEXIN-2SA1163 Datasheet
36Kb / 1P
Silicon PNP Epitaxial Type
2SA1312 KEXIN-2SA1312 Datasheet
36Kb / 1P
Silicon PNP Epitaxial Type
2SA2058 KEXIN-2SA2058 Datasheet
42Kb / 2P
Silicon PNP Epitaxial Type
logo
Galaxy Semi-Conductor H...
2SA1242 BILIN-2SA1242 Datasheet
239Kb / 5P
Silicon PNP Epitaxial Type
Rev.A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com