Electronic Components Datasheet Search
  English  ▼

X  

2SD780 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD780
Description  NPN Silicon Epitaxia
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD780 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD780 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
NPN Silicon Epitaxia
2SD780
Features
Micro package.
High DC current gain. hFE: 200TYP.(VCE=1.0V,IC=50mA).
hFE Classification
Marking
DW1
DW2
DW3
DW4
DW5
hFE
110
180
135
220
170
270
200
320
250
400
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
60
V
Emitter-base voltage
VEBO
5.0
V
Collector current
IC
300
mA
Total power dissipation at 25
ambient temperature
PT
200
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB =50V, IE = 0
100
nA
Emitter cutoff current
IEBO
VEB =5.0 V, IC = 0
100
nA
DC current gain *
hFE
VCE =1.0 V, IC = 50 mA
110
200
400
Base to emitter voltage *
VBE
VCE =6.0 V, IC = 10 mA
600
645
700
mV
Collector saturation voltage *
VCE(sat) IC = 300 mA, IB = 30 mA
0.15
0.6
V
Output capacitance
Cob
VCB =6.0 V, IE = 0 , f = 1.0 MHz
7.0
pF
Gain bandwidth product
fT
VCE =6.0 V, IE = -10 mA
140
MHz
* Pulsed: PW
350 ìs, duty cycle
2%


Similar Part No. - 2SD780

ManufacturerPart #DatasheetDescription
logo
NEC
2SD780 NEC-2SD780 Datasheet
179Kb / 4P
AUDIO FREQUENCY POWER AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
Renesas Technology Corp
2SD780 RENESAS-2SD780 Datasheet
308Kb / 6P
Old Company Name in Catalogs and Other Documents
logo
SHENZHEN YONGERJIA INDU...
2SD780 WINNERJOIN-2SD780 Datasheet
130Kb / 1P
NPN TRANSISTOR
logo
Renesas Technology Corp
2SD780 RENESAS-2SD780 Datasheet
308Kb / 6P
Old Company Name in Catalogs and Other Documents
logo
Inchange Semiconductor ...
2SD780 ISC-2SD780 Datasheet
341Kb / 3P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SD780

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3739 KEXIN-2SC3739 Datasheet
38Kb / 1P
NPN Silicon Epitaxia
2SC3734 KEXIN-2SC3734 Datasheet
38Kb / 1P
NPN Silicon Epitaxia
2SD2230 KEXIN-2SD2230 Datasheet
35Kb / 1P
NPN Silicon Epitaxia
2SC3618 KEXIN-2SC3618 Datasheet
51Kb / 1P
NPN Silicon Epitaxia
2SD1005 KEXIN-2SD1005 Datasheet
52Kb / 1P
NPN Silicon Epitaxia
2SD2403 KEXIN-2SD2403 Datasheet
52Kb / 2P
NPN Silicon Epitaxia
2SC4173 KEXIN-2SC4173 Datasheet
47Kb / 1P
NPN Silicon Epitaxia
2SC4178 KEXIN-2SC4178 Datasheet
47Kb / 1P
NPN Silicon Epitaxia
2SC3518-Z KEXIN-2SC3518-Z Datasheet
40Kb / 1P
NPN Silicon Epitaxia
2SC4332-Z KEXIN-2SC4332-Z Datasheet
43Kb / 2P
NPN Silicon Epitaxia
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com