Electronic Components Datasheet Search
  English  ▼

X  

2SC2882 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2882
Description  Power Amplifier Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2882 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2882 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2882 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
Power Amplifier Applications
2SC2882
Features
Suitable for Driver of 30 to 35 Watts Audio Amplifier
Small Flat Package
PC = 1 to 2W (mounted on ceramic substrate)
Complementary to 2SA1202
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5V
Collector Current
IC
400
mA
Base Current
IB
80
mA
PC
500
PC*
1000
Jumction temperature
Tj
150
Storage temperature Range
Tstg
-55to+150
* Mounted on a ceramic substrate (250 mm
2 x 0.8 t)
Collector Power Dissipation
mW
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cut-off Current
ICBO
VCB = 80V , IE =0
0.1
ìA
Emitter Cut-off Current
IEBO
VEB =5V , IC =0
0.1
ìA
Collector-Emitter Breakdown Voltage
V(BR)CEO IC = 10mA , IB =0
80
V
IE =2mA , IC = 50mA
70
240
VCE =2V , IC = 200mA
40
Collector-Emitter Saturation Voltage
VCE(sat) IC = 200mA , IB = 20mA
0.4
V
Base-Emitter Voltage
VBE
VCE =2V , IC = 5mA
0.55
0.8
V
Transition Frequency
fT
VCE = 10V , IC = 10mA
120
MHz
Collector Output Capacitance
Cob
VCB = 10V , IE = 0 , f = 1MHz
14
pF
DC Current Gain
hFE


Similar Part No. - 2SC2882

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2882 TOSHIBA-2SC2882 Datasheet
160Kb / 3P
TRANSISTOR (POWER, VOLTAGE AMPLIFIER APPLICATIONS)
2SC2882 TOSHIBA-2SC2882 Datasheet
125Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SC2882 TOSHIBA-2SC2882 Datasheet
132Kb / 4P
Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Guangdong Kexin Industr...
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
More results

Similar Description - 2SC2882

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com