Electronic Components Datasheet Search
  English  ▼

X  

2SC2982 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2982
Description  Medium Power Amplifier Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2982 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2982 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2982 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
Medium Power Amplifier Applications
2SC2982
Features
Low Saturation Voltage
:VCE(sat) =0.5V (max) (IC =2A, IB =50mA)
Small Flat Package
Complementary to 2SA1314
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
20
V
Collector-Emitter Voltage
VCEO
10
V
Emitter-Base Voltage
VEBO
6V
Collector Current (DC)
IC
2A
Collector Current (Pulsed) *1
ICP
4A
Base Current (DC)
IB
0.4
A
Base Current (Pulse) *1
IBP
0.8
A
PC
500
PC *2
1000
Jumction temperature
Tj
150
Storage temperature Range
Tstg
-55to+150
*1 Pulse test: pulse width = 10ms (max), duty cycle = 30% (max)
*2 Mounted on a ceramic substrate (250 mm
2 x 0.8 t)
Collector Power Dissipation
mW
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cut-off Current
ICBO
VCB = 30V , IE =0
0.1
A
Emitter Cut-off Current
IEBO
VEB =6V , IC =0
0.1
A
Collector-Emitter Breakdown Voltage
V(BR)CEO IC = 10mA , IB =0
10
V
Emitter-Base Breakdown Voltage
V(BR)EBO IE =1mA , IC =0
6
V
VCE =1V , IC = 0.5A
140
600
VCE =1V , IC = 2A
70
140
Collector-Emitter Saturation Voltage
VCE(sat) IC =2A , IB = 50mA
0.2
0.5
V
Base-Emitter Voltage
VBE
VCE =1V , IC = 2A
0.86
1.5
V
Transition Frequency
fT
VCE =1V , IC = 0.5A
150
MHz
Collector Output Capacitance
Cob
VCB = 10V , IE =0, f =1MHz
27
pF
DC Current Gain
hFE


Similar Part No. - 2SC2982

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2982 TOSHIBA-2SC2982 Datasheet
172Kb / 3P
TRANSISTOR (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
27-Jun-1997
2SC2982 TOSHIBA-2SC2982 Datasheet
150Kb / 4P
Storobo Flash Applications Medium Power Amplifier Applications
logo
Guangdong Kexin Industr...
2SC2982-A KEXIN-2SC2982-A Datasheet
976Kb / 2P
NPN Transistors
2SC2982-A-HF KEXIN-2SC2982-A-HF Datasheet
1Mb / 2P
NPN Transistors
2SC2982-B KEXIN-2SC2982-B Datasheet
976Kb / 2P
NPN Transistors
More results

Similar Description - 2SC2982

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1300 TOSHIBA-2SA1300_07 Datasheet
334Kb / 3P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_10 Datasheet
161Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1430 TOSHIBA-2SA1430_06 Datasheet
143Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC3072 TOSHIBA-2SC3072_05 Datasheet
161Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC3419 TOSHIBA-2SC3419_04 Datasheet
128Kb / 4P
Medium-Power Amplifier Applications
2SC3670 TOSHIBA-2SC3670_04 Datasheet
125Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC3671 TOSHIBA-2SC3671_04 Datasheet
125Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC4681 TOSHIBA-2SC4681_05 Datasheet
121Kb / 3P
Strobe Flash Applications Medium Power Amplifier Applications
2SC4781 TOSHIBA-2SC4781_04 Datasheet
94Kb / 3P
Medium Power Amplifier Applications
2SC5720 TOSHIBA-2SC5720 Datasheet
95Kb / 3P
MEDIUM POWER AMPLIFIER APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com