Electronic Components Datasheet Search
  English  ▼

X  

2SC3515 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3515
Description  High Voltage Control Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3515 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3515 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC3515 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC3515 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SC3515 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
High Voltage Control Applications
2SC3515
Features
High Voltage: VCBO = 300V , VCEO =300V
Low Saturation Voltage: VCE(sat) =0.5V (max)
Small Collector Output Capacitance: Cob =3pF(typ.)
PC = 1 to 2W (mounted on ceramic substrate)
Small Flat Package
Complementary to 2SA1384
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
300
V
Collector-Emitter Voltage
VCEO
300
V
Emitter-Base Voltage
VEBO
6V
Collector Current
IC
100
mA
Base Current
IB
20
mA
PC
500
PC*
1000
Jumction temperature
Tj
150
Storage temperature Range
Tstg
-55to+150
* mounted on a ceramic substrate (250 mm
2 x 0.8 t)
Collector Power Dissipation
mW
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cut-off Current
ICBO
VCB = 300V , IE =0
0.1
ìA
Emitter Cut-off Current
IEBO
VEB =6V , IC =0
0.1
ìA
Collector-base Breakdown Voltage
V(BR)CBO IC =0.1mA , IE = 0
300
V
Collector-emitter Breakdown Voltage
V(BR)CEO IC =1mA , IB = 0
300
V
DC Current Gain
hFE
VCE = 10V , IC = 20mA
30
150
Collector-Emitter Saturation Voltage
VCE(sat) IC = 20mA , IB =2mA
0.5
V
Base-emitter Saturation Voltage
VBE(sat) IC = 20mA , IB =2mA
1
V
Transition Frequency
fT
VCE = 10V , IC = 20mA
50
80
MHz
Collector Output Capacitance
Cob
VCB = 20V , IE = 0 , f = 1MHz
3
4
pF


Similar Part No. - 2SC3515

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3515 TOSHIBA-2SC3515 Datasheet
267Kb / 5P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
10-Apr-1997
2SC3515 TOSHIBA-2SC3515 Datasheet
195Kb / 6P
HIGH Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SC3515 TOSHIBA-2SC3515 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC3515 TOSHIBA-2SC3515_04 Datasheet
195Kb / 6P
HIGH Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
More results

Similar Description - 2SC3515

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4497 TOSHIBA-2SC4497 Datasheet
169Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE CONTROL APPLICATIONS)
17-Dec-1998
MIG75Q7CSB1X TOSHIBA-MIG75Q7CSB1X Datasheet
168Kb / 11P
High Power Switching Applications Motor Control Applications
SF1500GX22 TOSHIBA-SF1500GX22 Datasheet
194Kb / 3P
HIGH POWER CONTROL APPLICATIONS
2SA1091 TOSHIBA-2SA1091_07 Datasheet
654Kb / 4P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1384 TOSHIBA-2SA1384_07 Datasheet
203Kb / 6P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
logo
Guangdong Kexin Industr...
2SA1384 KEXIN-2SA1384 Datasheet
728Kb / 4P
High Voltage Control Applications
logo
Toshiba Semiconductor
2SA1432 TOSHIBA-2SA1432_09 Datasheet
159Kb / 6P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1721 TOSHIBA-2SA1721_07 Datasheet
192Kb / 5P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SC3515 TOSHIBA-2SC3515_04 Datasheet
195Kb / 6P
HIGH Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SC4497 TOSHIBA-2SC4497_03 Datasheet
117Kb / 5P
High Voltage Control Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com