Electronic Components Datasheet Search
  English  ▼

X  

2SC4181A Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4181A
Description  NPN Silicon Epitaxia
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4181A Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4181A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
NPN Silicon Epitaxia
2SC4181A
1 Emitter
2 Base
3 Collector
Features
High DC current gain:Hfe=1000 to 3200
Low VCE(sat): VCE(sat)=0.07v TYP
High VEBO: VEBO=15V
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
15
V
Collector current
IC
150
mA
Total power dissipation
PT
150
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB = 50V, IE=0
100
nA
Emitter cutoff current
IEBO
VEB = 10V, IC=0
100
nA
DC current gain *
hFE
VCE =5.0V , IC = 1.0mA
1000
1800
3200
Base-emitter voltage *
VBE
VCE =5.0V , IC = 1.0mA
0.56
V
Collector-emitter saturation voltage *
VCE(sat) IC = 50mA , IB = 5.0mA
0.07
0.3
V
Base-emitter saturation voltage *
VBE(sat) IC = 50mA , IB = 5.0mA
0.8
1.2
V
Gain bandwidth product
fT
VCE =5.0V , IE = -10mA
250
MHz
Output capacitance
Cob
VCB =5.0V , IE = 0, f = 1.0MHz
3.0
pF
Turn-on time
ton
VCC = 10V, VBE(off) = -2.7V
0.13
ns
Storage time
tstg
IC = 150mA ,
0.72
ns
Turn-off time
toff
IB1 =-IB2 = 15mA
1.22
ns
*. PW
350ìs,duty cycle
2%
hFE Classification
Marking
L15
L16
hFE
1000
2000
1600 3200


Similar Part No. - 2SC4181A

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4181A NEC-2SC4181A Datasheet
211Kb / 4P
AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTORS
More results

Similar Description - 2SC4181A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3739 KEXIN-2SC3739 Datasheet
38Kb / 1P
NPN Silicon Epitaxia
2SD780 KEXIN-2SD780 Datasheet
38Kb / 1P
NPN Silicon Epitaxia
2SD2230 KEXIN-2SD2230 Datasheet
35Kb / 1P
NPN Silicon Epitaxia
2SC3618 KEXIN-2SC3618 Datasheet
51Kb / 1P
NPN Silicon Epitaxia
2SD1005 KEXIN-2SD1005 Datasheet
52Kb / 1P
NPN Silicon Epitaxia
2SD2403 KEXIN-2SD2403 Datasheet
52Kb / 2P
NPN Silicon Epitaxia
2SC4173 KEXIN-2SC4173 Datasheet
47Kb / 1P
NPN Silicon Epitaxia
2SC4178 KEXIN-2SC4178 Datasheet
47Kb / 1P
NPN Silicon Epitaxia
2SC3518-Z KEXIN-2SC3518-Z Datasheet
40Kb / 1P
NPN Silicon Epitaxia
2SC4332-Z KEXIN-2SC4332-Z Datasheet
43Kb / 2P
NPN Silicon Epitaxia
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com