Electronic Components Datasheet Search
  English  ▼

X  

P822 Datasheet(PDF) 1 Page - Advanced Technical Materials Inc.

Part # P822
Description  2WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATM [Advanced Technical Materials Inc.]
Direct Link  http://www.atmmicrowave.com
Logo ATM - Advanced Technical Materials Inc.

P822 Datasheet(HTML) 1 Page - Advanced Technical Materials Inc.

  P822 Datasheet HTML 1Page - Advanced Technical Materials Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
49 Rider Ave, Patchogue, NY 11772
Phone: 631-289-0363
Fax: 631-289-0358
E-mail
: atmemail@juno.com
Web: www.atmmicrowave.com
4
Service
Price
Delivery
Stripline Construction
Connectors SMA and Type N
Compact and Lightweight
RF Power 30 Watt with all
ports matched
OCTAVE BAND - 2 WAY MODELS
90° HYBRID 3dB
The Hybrid Directional Coupler splits power equally between its two output
ports. The two outputs are 90 degrees out of phase with each other. Stripline in
aluminum housing
Connectors: SMA, or Type N, 4 ports
* Type N Models are .05 higher in VSWR than SMA Models
**Type N Units available in narrower bands
0.5-2.0
1.30
15
3.3±0.8
H912D
H922D
6
0.8-2.5
1.30
15
3.3±0.8
H912E
H922E
7
2.0-8.0
1.30
17
3.3±0.8
H914F
H924F
8
4.0-12.4
1.35
17
3.3±0.8
H915G
H925G
9
7.0-18.0
1.50
13
3.4±1.0
H915H
H925H
9
Freq
VSWR
ISO
Coupling
Model No.
Model No.
Figure
(GHz)
(max)
(dB min) Limits (dB)
(SMA)
(Type N)
0.5-1.0
1.10
28
3.1±0.6
H912
H922
1
1.0-2.0
1.10
28
3.1±0.6
H913
H923
2
2.0-4.0
1.20
22
3.1±0.6
H914
N/A
3
2.6-5.2
1.25
20
3.1±0.6
H914K
N/A
4
4.0-8.0
1.25
18
3.2±0.7
H915
N/A
4
6.0-12.4
1.30
18
3.2±0.7
H916
N/A
4
7.6-16.0
1.40
15
3.4±0.9
H916H
N/A
5
12.0-18.0 1.45
15
3.4±1.0
H917
N/A
5
BROADBAND MODELS
RF Power 30W Avg 2kW peak
OCTAVE BAND MODELS
RF Power 50W Avg 2kW peak
Freq.
Insertion
VSWR
VSWR
Phase
Amplitude
Input
Range
Loss
Isolation
In
Out
Balance
Balance
Power
(GHz)
(dB Max) (dB Min.)
(Max.)
(Max.) (Deg. Max) (dB Max) (W Max.)
0.5-1
0.70
6
2.00:1 2.00:1
1
0.20
10
1-1.5
0.50
10
1.70:1 1.50:1
1
0.20
10
1.5-2
0.50
15
1.60:1 1.40:1
1
0.20
10
2-4
0.40
20
1.50:1 1.30:1
1
0.20
10
4-8
0.50
17
1.50:1 1.40:1
1.5
0.20
10
8-15
0.80
15
1.70:1 1.50:1
2
0.30
10
15-16
0.80
15
1.70:1 1.60:1
3
0.30
10
16-18
0.90
14
1.80:1 1.90:1
4
0.40
10
18-20
1.10
7
2.00:1 2.00:1
4
0.40
10
ULTRA WIDE BAND 2 WAY MODELS SPECS
Freq
Isolation
VSWR Max*
Insertion Model No. Model No.
(GHz)
(dB min)
In
Out
Loss (dB)
(SMA)
(Type N)
0.5-1.0
22
1.25 1.15
0.40
P212
P222
1.0-2.0
20
1.25 1.15
0.35
P213
P223
2.0-4.0
20
1.30 1.20
0.40
P214
P224
4.0-8.0
20
1.35 1.25
0.50
P215
P225
8.0-12.4
20
1.35 1.30
0.50
P216
**
12.0-18.0
19
1.40 1.35
0.60
P217
**
0.85-1.65
22
1.25 1.20
0.40
P213L
P223L
3.65-6.5
20
1.35 1.25
0.40
P215C
P225C
3.65-4.3
22
1.25 1.20
0.40
P215C1
P225C1
5.85-6.5
22
1.25 1.20
0.40
P215C2
P225C2
7.2-8.4
20
1.35 1.30
0.50
P215X
P225X
7.2-7.75
20
1.30 1.30
0.50
P215X1
P225X1
7.9-8.4
20
1.30 1.30
0.50
P215X2
P225X2
10.7-12.7
20
1.40 1.35
0.60
P216X-1
P226X-1
10.7-14.5
18
1.45 1.40
0.60
P216K-1
P226K-1
13.7-14.5
20
1.40 1.35
0.60
P217K-1
P227K-1
13.5-21.5
15
1.70 1.70
0.60
P218
N/A
Freq
Isolation
VSWR Max*
Insertion Model No. Model No.
(GHz)
(dB min)
In
Out
Loss (dB)
(SMA)
(Type N)
0.5-1.0
22
1.45 1.30
0.90
P412
P422
1.0-2.0
20
1.40 1.25
0.80
P413
P423
2.0-4.0
20
1.35 1.35
0.60
P414
P424
4.0-8.0
20
1.45 1.35
0.60
P415
P425
8.0-12.4
18
1.45 1.35
0.80
P416
**
12.0-18.0
18
1.50 1.40
0.90
P417
**
0.5-4.0
15
1.50 1.40
1.00
P412E
**
2.0-18.0
15
1.60 1.40
2.00
P414H
**
6.0-18.0
18
1.60 1.40
0.90
P415H
**
SATCOM & SPECIAL BAND 2 WAY MODELS
0.5-4.0
20
1.3
1.2
0.50
P212E
**
0.8-2.4
20
1.25
1.2
0.35
P212D
P222D
2.0-8.0
20
1.35 1.35
0.40
P214F
P224F
2.0-18.0
18
1.4
1.4
1.00
P214H
**
6.0-18
19
1.4
1.35
0.60
P215H
P225H
MULTIBAND MODELS 2 WAY MODELS
OCTAVE & WIDE BAND 4 WAY MODELS
0.85-1.65
22
1.25 1.20
0.40
P413L
P423L
3.65-6.5
20
1.35 1.25
0.40
P415C
P425C
3.65-4.3
22
1.25 1.20
0.40
P415C1
P425C1
5.85-6.5
22
1.25 1.20
0.40
P415C2
P425C2
7.2-8.4
20
1.35 1.30
0.50
P415X
P425X
7.2-7.75
20
1.30 1.30
0.50
P415X1
P425X1
7.9-8.4
20
1.30 1.30
0.50
P415X2
P425X2
10.7-12.7
20
1.40 1.35
0.60
P416X-1
P426X-1
10.7-14.5
18
1.45 1.40
0.60
P416K-1
P426K-1
13.7-14.5
20
1.40 1.35
0.60
P417K-1
P427K-1
SATCOM & SPECIAL BAND 4 WAY MODELS
SATCOM & SPECIAL BAND 8 WAY MODELS
OCTAVE & WIDE BAND 8 WAY MODELS
2WAY - 4WAY - 8WAY
POWER DIVIDERS & COMBINERS
LINE STRETCHERS
50 Ohms
SMA M/F
0.5 Inch Travel
Locking Device Included
Model No.
Freq.
Phase
I.L.
VSWR
(SMA)
(GHz)
Adjust (min)
(dB max)
(max)
P1903
DC-2.3
15°/GHz
0.5
1.5
P1904
DC-4.3
15°/GHz
0.5
1.5
P1905
DC-8.2
15°/GHz
0.6
1.5
P1906
DC-12.7
15°/GHz
0.7
1.5
P1907
DC-18.6
15°/GHz
1.0
1.6
Figure A
B
C
D
E
F
1
3.06 0.50
0.84
1.370 2.56 0.38
2
1.78 0.50
0.64
0.500 1.28 0.38
3
1.15 0.50 0.314
0.58 0.66 0.38
4
1.00 0.50 0.314
0.50 0.50 0.38
5
1.00 0.58 0.392
0.50 0.50 0.38
6
8.50 0.72
0.65
7.20 8.00 0.50
7
6.50 0.72
0.65
5.20 6.00 0.50
8
2.60 0.75
0.67
1.260 2.03 0.44
9
1.72 0.60
0.61
0.500 1.22 0.50
ULTRA WIDE BAND 2 WAY MODELS
Freq
Isolation
VSWR Max*
Insertion Model No. Model No.
(GHz)
(dB min)
In
Out
Loss (dB)
(SMA)
(Type N)
0.5-18
Specs In Table Below
—
P223HT
0.5-20
Specs In Table Below
P213HT
N/A
**2 Mounting Holes
0.105 Dia. Thru
*Typ NF
Conn. = 0.95”
0.5-1.0
18
1.45 1.30
0.90
P812
P822
1.0-2.0
18
1.45 1.35
0.80
P813
P823
2.0-4.0
18
1.45 1.35
0.80
P814
P824
4.0-8.0
17
1.45 1.40
1.0
P815
P825
8.0-12.4
16
1.60 1.50
1.4
P816
**
12.0-18.0
15
1.60 1.50
2.0
P817
**
8.0-18.0
15
1.60 1.50
2.0
P815H
**
0.85-1.65
18
1.45 1.40
0.8
P813L
P823L
3.65-6.5
17
1.45 1.45
0.8
P815C
P825C
3.65-4.3
18
1.40 1.40
0.8
P815C1
P825C1
5.85-6.5
18
1.45 1.40
0.8
P815C2
P825C2
7.2-8.4
16
1.45 1.40
0.9
P815X
P825X
7.2-7.75
16
1.45 1.40
0.9
P815X1
P825X1
7.9-8.4
16
1.45 1.40
0.9
P815X2
P825X2
10.7-12.7
17
1.45 1.40
1.0
P816X-1
P826X-1
10.7-14.5
17
1.45 1.40
1.0
P816K-1
P826K-1
13.7-14.5
17
1.45 1.40
1.0
P817K-1
P827K-1


Similar Part No. - P822

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P8222 PULSE-P8222 Datasheet
63Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
P8223 PULSE-P8223 Datasheet
63Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
P8224 PULSE-P8224 Datasheet
63Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
P8225 PULSE-P8225 Datasheet
63Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
logo
List of Unclassifed Man...
P8226 ETC1-P8226 Datasheet
287Kb / 5P
Four-Bit Parallel Bidirectional Bus Driver
More results

Similar Description - P822

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
113A MERRIMAC-113A Datasheet
100Kb / 1P
POWER DIVIDERS / COMBINERS
PD-40-100 MERRIMAC-PD-40-100 Datasheet
74Kb / 1P
0 POWER DIVIDERS/COMBINERS
PDF-4E-20 MERRIMAC-PDF-4E-20 Datasheet
885Kb / 1P
0 POWER DIVIDERS/COMBINERS
PDF-5C-50 MERRIMAC-PDF-5C-50 Datasheet
49Kb / 1P
0 POWER DIVIDERS/ COMBINERS
PDU-20-250 MERRIMAC-PDU-20-250 Datasheet
86Kb / 1P
0 POWER DIVIDERS/ COMBINERS
PDML-30A-100 MERRIMAC-PDML-30A-100 Datasheet
76Kb / 1P
0 POWER DIVIDERS / COMBINERS
QHF-22A-5B MERRIMAC-QHF-22A-5B Datasheet
60Kb / 1P
90 POWER DIVIDERS / COMBINERS
QHF-23A-160 MERRIMAC-QHF-23A-160 Datasheet
43Kb / 1P
90 POWER DIVIDERS / COMBINERS
QHP-23N-1B MERRIMAC-QHP-23N-1B Datasheet
78Kb / 1P
90 POWER DIVIDERS / COMBINERS
QH-7-4.9 MERRIMAC-QH-7-4.9 Datasheet
238Kb / 2P
POWER DIVIDERS/COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com