Electronic Components Datasheet Search
  English  ▼

X  

2SA1607 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1607
Description  PNP Epitaxial Planar Silicon Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1607 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1607 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1607 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB = -30V, IE=0
-0.1
ìA
Emitter cutoff current
IEBO
VEB =-4V, IC=0
-0.1
ìA
DC current gain
hFE
VCE =-1V , IC = -10mA
60
180
Gain bandwidth product
fT
VCE = -10V , IC = -10mA
400
MHz
Output capacitance
Cob
VCB = -10V , f = 1.0MHz
2.9
pF
Collector-emitter saturation voltage
VCE(sat) IC = -10mA , IB = -1mA
-0.07
-0.2
V
Base-emitter saturation voltage
VBE(sat) IC = -10mA , IB = -1mA
-0.75
-1
V
Collector-base breakdown voltage
V(BR)CBO IC = -10ìA , IE =0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO IC =-1mA , RBE =
-20
V
Emitter-base breakdown voltage
V(BR)EBO IE = -10ìA , IC =0
-5
V
Delay time
td
14
20
ns
Rise time
tr
11
20
ns
Storage time
tstg
80
180
ns
Fall time
tf
16
25
ns
2SA1607
hFE Classification
Marking
Rank
3
4
hFE
60 120
90 180
YL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com