Electronic Components Datasheet Search
  English  ▼

X  

2SC3617 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3617
Description  NPN Silicon Epitaxia
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3617 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3617 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
NPN Silicon Epitaxia
2SC3617
Features
World standard miniature package.
High hFE hFE=800 to 1600.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
15
V
Collector current
IC
300
mA
Collector current (Pulse)*
ICP
500
mA
Total power dissipation
PT
2.0
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
*PW
10ms,duty cycle
50%.
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB = 50V, IE=0
100
nA
Emitter cutoff current
IEBO
VEB = 10V, IC=0
100
nA
VCE =5.0V , IC = 100mA
800
3200
VCE =5.0V , IC = 300mA
640
Collector-emitter saturation voltage *
VCE(sat) IC = 100mA , IB = 1.0mA
0.12
0.13
V
Base-emitter saturation voltage *
VBE(sat) IC = 100mA , IB = 1.0mA
0.7
1.2
V
Gain bandwidth product
fT
VCE =5.0V , IE = -50mA
150
220
MHz
Output capacitance
Cob
VCB = 10V , IE = 0, f = 1.0MHz
8.0
pF
*. PW
350ìs,duty cycle
2%
hFE
DC current gain *
hFE Classification
Marking
TM
TL
TK
hFE
800
1600
1200
2400
2000 3200


Similar Part No. - 2SC3617

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3617 NEC-2SC3617 Datasheet
225Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Renesas Technology Corp
2SC3617 RENESAS-2SC3617 Datasheet
346Kb / 6P
Old Company Name in Catalogs and Other Documents
2SC3617 RENESAS-2SC3617_15 Datasheet
346Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
More results

Similar Description - 2SC3617

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3739 KEXIN-2SC3739 Datasheet
38Kb / 1P
NPN Silicon Epitaxia
2SD780 KEXIN-2SD780 Datasheet
38Kb / 1P
NPN Silicon Epitaxia
2SD2230 KEXIN-2SD2230 Datasheet
35Kb / 1P
NPN Silicon Epitaxia
2SC3618 KEXIN-2SC3618 Datasheet
51Kb / 1P
NPN Silicon Epitaxia
2SD1005 KEXIN-2SD1005 Datasheet
52Kb / 1P
NPN Silicon Epitaxia
2SD2403 KEXIN-2SD2403 Datasheet
52Kb / 2P
NPN Silicon Epitaxia
2SC4173 KEXIN-2SC4173 Datasheet
47Kb / 1P
NPN Silicon Epitaxia
2SC4178 KEXIN-2SC4178 Datasheet
47Kb / 1P
NPN Silicon Epitaxia
2SC3518-Z KEXIN-2SC3518-Z Datasheet
40Kb / 1P
NPN Silicon Epitaxia
2SC4332-Z KEXIN-2SC4332-Z Datasheet
43Kb / 2P
NPN Silicon Epitaxia
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com