Electronic Components Datasheet Search
  English  ▼

X  

2SB970 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB970
Description  Silicon PNP Epitaxial Planar Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB970 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB970 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon PNP Epitaxial Planar Type
2SB970
Features
Low collector-emitter saturation voltage VCE(sat).
Mini type package,allowing downsizing of the equipment and automatic
insertion through the tape packing and the magazine packing.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-15
V
Collector-emitter voltage
VCEO
-10
V
Emitter-base voltage
VEBO
-7
V
Collector current
IC
-.5
A
Peak collector current
ICP
-1
A
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base voltage
VCBO
IC =-10 ìA, IE =0
-15
V
Collector-emitter voltage
VCEO
IC =-1mA, IB =0
-10
V
Emitter-base voltage
VEBO
IE =-10 ìA, IC =0
-7
V
Collector-base cutoff current
ICBO
VCB =-10 V, IE = 0
-100
nA
Forward current transfer ratio
hFE
VCE =-2V, IC = -0.5A
130
350
Collector-emitter saturation voltage
VCE(sat) IC =-0.4A, IB = -8 mA
-0.16
-0.3
V
Base-emitter saturation voltage
VBE(sat) IC =-0.4A, IB = -8 mA
-0.8
-1.2
V
Transition frequency
fT
VCB =-10 V, IE = 50 mA , f = 200 MHz
130
MHz
Collector output capacitance
Cob
VCB = -10V , IE = 0 , f = 1.0MHz
22
pF
* Pulse measurement.
hFE Classification
Marking
Rank
R
S
hFE
130
220
180
350
1R


Similar Part No. - 2SB970

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB970 PANASONIC-2SB970 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(For low-voltage output amplification)
2SB970 PANASONIC-2SB970 Datasheet
235Kb / 6P
2SB970 Si PNP EPITAXIAL PLANAR / 2SB977 2SB977A Si PNP EPITAXIAL PLANAR DARLINGTON / 2SC1547 Si NPN PLANAR
logo
Guangdong Kexin Industr...
2SB970-HF KEXIN-2SB970-HF_15 Datasheet
933Kb / 2P
PNP Transistors
2SB970-R-HF KEXIN-2SB970-R-HF Datasheet
933Kb / 2P
PNP Transistors
2SB970-S-HF KEXIN-2SB970-S-HF Datasheet
933Kb / 2P
PNP Transistors
More results

Similar Description - 2SB970

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
XP04113 PANASONIC-XP04113 Datasheet
86Kb / 3P
Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB928A KEXIN-2SB928A Datasheet
40Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB1589 KEXIN-2SB1589 Datasheet
49Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
Silicon PNP Epitaxial Planar Type
2SA1022 KEXIN-2SA1022 Datasheet
36Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB967 KEXIN-2SB967 Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com