Electronic Components Datasheet Search
  English  ▼

X  

2SC3361 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3361
Description  NPN Epitaxial Planar Silicon Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3361 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3361 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC3361 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
NPN Epitaxial Planar Silicon Transistors
2SC3361
Features
Fast switching speed.
High breakdown voltage.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5V
Collector current
IC
150
mA
Collector current (pulse)
ICP
400
mA
Base current
IB
40
mA
Collector dissipation
PC
150
mW
Jumction temperature
Tj
125
Storage temperature
Tstg
-55to+125


Similar Part No. - 2SC3361

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3361 SANYO-2SC3361 Datasheet
112Kb / 4P
High-Speed Switching Applications
logo
Guangdong Kexin Industr...
2SC3361-HF KEXIN-2SC3361-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC3361-S4 KEXIN-2SC3361-S4 Datasheet
1Mb / 3P
NPN Transistors
2SC3361-S4-HF KEXIN-2SC3361-S4-HF Datasheet
1Mb / 3P
NPN Transistors
2SC3361-S5 KEXIN-2SC3361-S5 Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - 2SC3361

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com