Electronic Components Datasheet Search
  English  ▼

X  

BCF29 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCF29
Description  PNP General Purpose Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCF29 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BCF29 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCF29 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
PNP General Purpose Transistors
BCF29,BCF30
Features
Low current (max. 100 mA).
Low voltage (max. 32 V).
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-32
V
Collector-emitter voltage
VCEO
-32
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-100
mA
Peak collector current
ICM
-200
mA
Peak base current
IBM
-100
mA
Total power dissipation *
Ptot
250
mW
Storage temperature
Tstg
-65to+150
Junction temperature
Tj
150
Operating ambient temperature
Ramb
-65to+150
Thermal resistance from junction to ambient *
Rth j-a
500
K/W
* Transistor mounted on an FR4 printed-circuit board.


Similar Part No. - BCF29

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCF29 PHILIPS-BCF29 Datasheet
49Kb / 8P
PNP general purpose transistors
1997 May 22
logo
Diotec Semiconductor
BCF29 DIOTEC-BCF29 Datasheet
180Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCF29

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
PNP general purpose transistors
1999 May 31
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
PNP general purpose transistors
1999 Apr 20
BC557B PHILIPS-BC557B Datasheet
80Kb / 12P
PNP general purpose transistors
1997 Mar 27
logo
Pan Jit International I...
BC807 PANJIT-BC807 Datasheet
481Kb / 3P
PNP GENERAL PURPOSE TRANSISTORS
logo
Guangdong Kexin Industr...
BCW67 KEXIN-BCW67 Datasheet
42Kb / 2P
PNP General Purpose Transistors
BCW69 KEXIN-BCW69 Datasheet
40Kb / 2P
PNP General Purpose Transistors
KC860W KEXIN-KC860W Datasheet
69Kb / 2P
PNP General Purpose Transistors
logo
Weitron Technology
2SB985 WEITRON-2SB985 Datasheet
214Kb / 5P
PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
PNP general purpose transistors
2002 Feb 04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com