Electronic Components Datasheet Search
  English  ▼

X  

BCF32 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCF32
Description  NPN General Purpose Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCF32 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BCF32 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCF32 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
NPN General Purpose Transistors
BCF32
Features
Low current (max. 100 mA).
Low voltage (max. 32 V).
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
32
V
Collector-emitter voltage
VCEO
32
V
Emitter-base voltage
VEBO
5V
Collector current
IC
100
mA
Peak collector current
ICM
200
mA
Peak base current
IBM
100
mA
Total power dissipation *
Ptot
250
mW
Storage temperature
Tstg
-65to+150
Junction temperature
Tj
150
Operating ambient temperature
Ramb
-65to+150
Thermal resistance from junction to ambient *
Rth j-a
500
K/W
* Transistor mounted on an FR4 printed-circuit board.


Similar Part No. - BCF32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCF32 PHILIPS-BCF32 Datasheet
42Kb / 8P
NPN general purpose transistor
1999 Apr 22
logo
Diotec Semiconductor
BCF32 DIOTEC-BCF32 Datasheet
179Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCF32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
NPN general purpose transistors
2003 Jul 15
logo
Pan Jit International I...
BC847BFN3 PANJIT-BC847BFN3 Datasheet
133Kb / 5P
NPN GENERAL PURPOSE TRANSISTORS
logo
Weitron Technology
2SC2412K WEITRON-2SC2412K_07 Datasheet
1Mb / 5P
NPN General Purpose Transistors
logo
NXP Semiconductors
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
NPN general purpose transistors
1999 Apr 08
logo
Diotec Semiconductor
2N2222A DIOTEC-2N2222A Datasheet
157Kb / 2P
General Purpose NPN Transistors
MPSA06 DIOTEC-MPSA06 Datasheet
166Kb / 2P
General Purpose NPN Transistors
logo
Micro Commercial Compon...
2SC5658-Q MCC-2SC5658-Q Datasheet
652Kb / 4P
NPN General Purpose Transistors
logo
AiT Semiconductor Inc.
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
D882 AITSEMI-D882 Datasheet
554Kb / 5P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com