Electronic Components Datasheet Search
  English  ▼

X  

2SC3650 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3650
Description  NPN Epitaxial Planar Silicon Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3650 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3650 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
NPN Epitaxial Planar Silicon Transistor
2SC3650
Features
High DC current gain (hFE=800 to 3200).
Low collector-to-emitter saturation voltage
(VCE(sat)
0.5V).
Large current capacity (IC=1.2V).
Very small size making it easy to provide highdensity,
small-sized hybrid IC’
s.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
30
V
Collector-emitter voltage
VCEO
25
V
Emitter-base voltage
VEBO
15
V
Collector current
IC
1.2
A
Collector current (pulse)
Icp
2A
Collector dissipation
PC
500
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB=20V, IE=0
0.1
ìA
Emitter cutoff current
IEBO
VEB=10V, IC=0
0.1
ìA
DC current gain
hFE
VCE=5V, IC=500mA
800
1500
3200
Gain bandwidth product
fT
VCE=10V, IC=50mA
220
MHz
Output capacitance
Cob
VCB=10V, f=1MHz
17
pF
Collector-emitter saturation voltage
VCE(sat) IC=500mA, IB=10mA
0.12
0.5
V
Base-emitter saturation voltage
VBE(sat) IC=500mA, IB=10mA
0.85
1.2
V
Collector-base breakdown voltage
V(BR)CBO IC=10ìA, IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO IC=1mA, RBE=
25
V
Emitter-base breakdown voltage
V(BR)EBO IE=10ìA, IC=0
15
V
Marking
Marking
CF


Similar Part No. - 2SC3650

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3650 SANYO-2SC3650 Datasheet
91Kb / 3P
High-hFE, Low-Frequency General-Purpose Amp Applications???????
logo
SeCoS Halbleitertechnol...
2SC3650 SECOS-2SC3650 Datasheet
220Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Shenzhen Jin Yu Semicon...
2SC3650 HTSEMI-2SC3650 Datasheet
368Kb / 1P
TRANSISTOR (NPN)
logo
SHENZHEN YONGERJIA INDU...
2SC3650 WINNERJOIN-2SC3650 Datasheet
126Kb / 1P
TRANSISTOR (NPN)
logo
GUANGDONG HOTTECH INDUS...
2SC3650 HOTTECH-2SC3650 Datasheet
191Kb / 2P
Plastic-Encapsulate Transistors
More results

Similar Description - 2SC3650

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com