Electronic Components Datasheet Search
  English  ▼

X  

BCW31 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCW31
Description  NPN General Purpose Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCW31 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCW31 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCW31 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
BCW31,BCW32,BCW33
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
ICBO
IE =0; VCB = 32 V
100
nA
ICBO
IE =0; VCB =32V; Tj = 100
10
ìA
IEBO
IC =0; VEB = 5 V
100
nA
BCW31
110
120
BCW32
200
450
BCW33
420
800
IC =10mA; IB = 0.5 mA
120
250
mV
IC =50mA; IB = 2.5 mA
210
mV
IC =10mA; IB = 0.5 mA
750
mV
IC =50mA; IB = 2.5 mA
850
mV
VBE
IC =2mA; VCE = 5 V
550
700
mV
CC
IE =ie=0; VCB =10V; f = 1MHz
2.5
pF
fT
IC =10mA; VCE = 5 V; f = 100 MHz
100
MHz
NF
IC = 200 ìA; VCE =5V; RS =2kÙ;
f= 1 kHz;B= 200 Hz
10
dB
Parameter
Collector cutoff current
Emitter cutoff current
DC current gain
Noise figure
Collector-emitter saturation voltage
Base to emitter saturation voltage
Base to emitter voltage
hFE
IC =2mA; VCE =5V
Collector capacitance
Transition frequency
VBE(sat)
VCE(sat)
hFE Classification
TYPE
BCW31
BCW32
BCW33
Marking
D1
D2
D3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com