Electronic Components Datasheet Search
  English  ▼

X  

2SC3736 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3736
Description  NPN Silicon Epitaxia
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3736 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3736 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
NPN Silicon Epitaxia
2SC3736
Features
High speed,high voltage switching.
Low collector saturation voltage.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
80
V
Collector-emitter voltage
VCEO
45
V
Emitter-base voltage
VEBO
5V
Collector current
IC
1A
Collector current (Pulse)*
ICP
2A
Total power dissipation
PT
2W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
*PW
10ms,duty cycle
50%.
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB =45V, IE=0
0.5
nA
Emitter cutoff current
IEBO
VEB =4V, IC=0
0.5
nA
DC current gain *
hFE
VCE =10V , IC =50mA
60
200
Collector-emitter saturation voltage *
VCE(sat) IC = 500mA , IB = 50mA
0.17
0.4
V
Base-emitter saturation voltage *
VBE(sat) IC = 500mA , IB =50mA
0.9
1.2
V
Gain bandwidth product
fT
VCE =10V , IE = -100mA
300
380
MHz
Output capacitance
Cob
VCB =10V , IE = 0, f = 1.0MHz
6.7
10
pF
Turn-on time
ton
20
40
ns
Storage time
tstg
55
80
ns
Turn-off time
toff
72
100
ns
*. PW
350ìs,duty cycle
2%
IC = 500mA , IB1 =IB2 =50mA
hFE Classification
Marking
OL
OK
hFE
60
120
100
200


Similar Part No. - 2SC3736

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3736 NEC-2SC3736 Datasheet
255Kb / 4P
HIGH SPEED SWITCHING NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Renesas Technology Corp
2SC3736 RENESAS-2SC3736 Datasheet
322Kb / 7P
SILICON TRANSISTOR
1987
logo
Guangdong Kexin Industr...
2SC3736-HF KEXIN-2SC3736-HF Datasheet
1Mb / 3P
NPN Transistors
2SC3736-K-HF KEXIN-2SC3736-K-HF Datasheet
1Mb / 3P
NPN Transistors
2SC3736-L-HF KEXIN-2SC3736-L-HF Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - 2SC3736

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3739 KEXIN-2SC3739 Datasheet
38Kb / 1P
NPN Silicon Epitaxia
2SD780 KEXIN-2SD780 Datasheet
38Kb / 1P
NPN Silicon Epitaxia
2SD2230 KEXIN-2SD2230 Datasheet
35Kb / 1P
NPN Silicon Epitaxia
2SC3618 KEXIN-2SC3618 Datasheet
51Kb / 1P
NPN Silicon Epitaxia
2SD1005 KEXIN-2SD1005 Datasheet
52Kb / 1P
NPN Silicon Epitaxia
2SD2403 KEXIN-2SD2403 Datasheet
52Kb / 2P
NPN Silicon Epitaxia
2SC4173 KEXIN-2SC4173 Datasheet
47Kb / 1P
NPN Silicon Epitaxia
2SC4178 KEXIN-2SC4178 Datasheet
47Kb / 1P
NPN Silicon Epitaxia
2SC3518-Z KEXIN-2SC3518-Z Datasheet
40Kb / 1P
NPN Silicon Epitaxia
2SC4332-Z KEXIN-2SC4332-Z Datasheet
43Kb / 2P
NPN Silicon Epitaxia
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com