Electronic Components Datasheet Search
  English  ▼

X  

2SC5211 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC5211
Description  Small Signal Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC5211 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC5211 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Small Signal Transistor
2SC5211
Features
High voltage VCEO=50V.
Small package for mounting.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
55
V
Emitter-base voltage
VEBO
4V
Collector-emitter voltage
VCEO
50
V
Peak collector current
ICM
600
mA
Collector current
IC
400
mA
Collector dissipation
PC
500
mW
Jumction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Colllector-base breakdown voltage
V(BR)CBO IC=10ìA,IE=0
55
V
Emitter-base breakdown voltage
V(BR)EBO IE=10ìA,IC=0
4
V
Collector-emitter breakdown voltage
V(BR)CEO IC=100ìA,RBE=
50
V
Collector cutoff current
ICBO
VCB=25V,IE=0
1
ìA
Emitter cutoff current
IEBO
VEB=2V,IC=0
1
ìA
DC current gain
hFE
VCE=4V,IC=100mA
90
500
Collector-emitter saturation voltage
VCE(sat) IC=200mA,IB=10mA
0.15
0.5
V
Gain bandwidth product
fT
VCE=6V,IE=-10mA
150
MHz
hFE Classification
Marking
TD
TE
TF
hFE
90
180
150
300
250
500


Similar Part No. - 2SC5211

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC5211 ISAHAYA-2SC5211 Datasheet
60Kb / 3P
SILICON NPN TRANSISOR
logo
Guangdong Kexin Industr...
2SC5211 KEXIN-2SC5211_15 Datasheet
555Kb / 2P
NPN Transistors
More results

Similar Description - 2SC5211

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
SMALL-SIGNAL TRANSISTOR
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
SMALL-SIGNAL TRANSISTOR
RT1N137P ISAHAYA-RT1N137P Datasheet
146Kb / 3P
SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
Small Signal Transistor
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
Small Signal Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com