Electronic Components Datasheet Search
  English  ▼

X  

2SD1001 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1001
Description  NPN Silicon Epitaxial Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1001 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1001 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
NPN Silicon Epitaxial Transistor
2SD1001
Features
World standard miniature package:SOT-89.
High collector-emitter voltage.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
80
V
Collector-emitter voltage
VCEO
80
V
Emitter-base voltage
VEBO
5V
Collector current (DC)
IC
300
mA
Collector Current (pulse) *
IC
500
mA
Total power dissipation
PT
2.0
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
* Pulse Test PW
10ms, Duty Cycle
50%.
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB =80V, IE = 0 A
100
nA
Emitter cutoff current
IEBO
VEB =5.0 V, IC = 0 A
100
nA
VCE =1.0 V, IC = 50 mA
90
200
400
VCE =2.0 V, IC = 300 mA
30
80
Collector saturation voltage *
VCE(sat) IC = 300 mA, IB = 30 mA
0.15
0.6
V
Base saturation voltage *
VBE(sat) IC = 300 mA, IB = 30 mA
0.86
1.2
V
Base-emitter voltage *
VBE
VCE =6.0 V, IC = 10 mA
600
645
700
mV
Gain bandwidth product
fT
VCE =6.0 V, IE = -10 mA
140
MHz
Output capacitance
Cob
VCB =6V, IE = 0, f = 1.0 MHz
70
pF
* Pulsed: PW
350 ìs, duty cycle
2%
DC current gain *
hFE
hFE Classification
Marking
EM
EL
EK
hFE
90
180
135
270
200
400


Similar Part No. - 2SD1001

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1001 NEC-2SD1001 Datasheet
208Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Renesas Technology Corp
2SD1001 RENESAS-2SD1001 Datasheet
337Kb / 6P
Old Company Name in Catalogs and Other Documents
logo
Guangdong Kexin Industr...
2SD1001-HF KEXIN-2SD1001-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SD1001-K KEXIN-2SD1001-K Datasheet
1Mb / 3P
NPN Transistors
2SD1001-K-HF KEXIN-2SD1001-K-HF Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - 2SD1001

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com