Electronic Components Datasheet Search
  English  ▼

X  

2SD1618 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1618
Description  PNP Epitaxial Planar Silicon Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1618 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1618 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1618 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB = 15V , IE =0
0.1
ìA
Emitter cutoff current
IEBO
VCB =4V , IE =0
0.1
ìA
VCE =2V , IC = 50mA
140
560
VCE =2V , IC = 500mA
60
Gain bandwidth product
fT
VCE = 10V , IC = 50mA
250
MHz
IC =5mA , IB = 0.5mA
10
25
mV
IC = 100mA , IB = 10mA
30
80
mV
Base-emitter saturation voltage
VBE(sat) IC = 100mA , IB = 10mA
0.8
1.2
V
Collector-base breakdown voltage
V(BR)CBO IC = 10ìA , IE =0
20
V
Collector-emitter breakdown voltage
V(BR)CEO IC =1mA , RBE =
15
V
Emitter-base breakdown voltage
V(BR)EBO IE = 10ìA , IC =0
5
V
Output capacitance
Cob
VCB = 10V , f = 1MHz
8
pF
VCE(sat)
Collector-emitter saturation voltage
DC current Gain
hFE
2SD1618
hFE Classification
Marking
Rank
S
T
U
hFE
140
280
200
400
280
560
DA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com