Electronic Components Datasheet Search
  English  ▼

X  

2SD1628 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1628
Description  NPN Epitaxial Planar Silicon Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1628 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1628 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1628 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Diodes
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB =50V, IE=0
100
nA
Emitter cutoff current
IEBO
VEB =5V, IC=0
100
nA
DC current gain
hFE
VCE =2V , IC = 0.5 A
120
560
Gain bandwidth product
fT
VCE =10V , IC = 50 mA
120
MHz
Output capacitance
Cob
VCB = 10 V , f = 1.0MHz
45
pF
Collector-emitter saturation voltage
VCE(sat) IC =3A , IB = 60 mA
500
mV
Base-emitter saturation voltage
VBE(sat) IC =3A , IB =60mA
1.5
V
Collector-base breakdown voltage
V(BR)CBO IC = 10ìA , IE =0
60
V
Collector-emitter breakdown voltage
V(BR)CEO IC =1mA , RBE =
20
V
Emitter-base breakdown voltage
V(BR)EBO IE = 10ìA , IC =0
6
V
Turn-on timie
ton
30
ns
Storage time
tstg
300
ns
Turn-off time
tf
40
ns
hFE Classification
Marking
Rank
E
F
G
hFE
120
200
160
320
280
560
DK
2SD1628
www.kexin.com.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com