Electronic Components Datasheet Search
  English  ▼

X  

FMMTL619 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMTL619
Description  Medium Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMTL619 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMTL619 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FMMTL619 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
FMMTL619
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=100ìA
100
210
V
Collector-emitter breakdown voltage
V(BR)CEO IC=5mA*
50
70
V
Emitter-base breakdown voltage
V(BR)EBO IE=100ìA
58.5
V
Collector-base cut-off current
ICBO
VCB=40V
10
nA
Emitter-base current
IEBO
VEB=4V
10
nA
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB=10mA*
IC=250mA, IB=10mA*
IC=500mA, IB=25mA*
IC=1.25A, IB=125mA*
24
60
100
195
45
100
180
330
mV
Base-emitter saturation voltage
VBE(sat) IC=1.25A, IB=125mA*
1020
1100
mV
Base-emitter ON voltage
VBE(on)
IC=1.25A, VCE=2V*
895
1000
mV
DC current gain
hFE
IC=10mA, VCE=5V
IC=200mA, VCE=5V*
IC=500mA, VCE=5V*
IC=1A, VCE=5V*
IC=2A, VCE=5V*
200
300
200
100
30
400
450
400
230
50
Current-gain-bandwidth product
fT
IC=50mA, VCE=10V f=100MHz
180
MHz
Output capacitance
Cobo
VCB=10V, f=1MHz
68
pF
Turn-on time
t(on)
IC=1A, VCC=10V
182
ns
Turn-off time
t(off)
IB1=-IB2=10mA
379
ns
* Pulse test: tp
300 ìs; d
0.02.
Marking
Marking
L69



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com