Electronic Components Datasheet Search
  English  ▼

X  

FMMT717 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMT717
Description  Switching Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT717 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT717 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FMMT717 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=-100ìA
-12
-35
V
Collector-emitter breakdown voltage *
V(BR)CEO IC=-10mA
-12
-25
V
Emitter-base breakdown voltage
V(BR)EBO IE=-100ìA
-5
-8.5
V
Collector cutoff current
ICBO
VCB=-10V
-100
nA
Emitter cut-off current
IEBO
VEB=-4V
-100
nA
Collector-emitter saturation voltage *
VCE(sat)
IC=-0.1A, IB=-10mA
IC=-1A, IB=-10mA
IC=-1.5A, IB=-50mA
IC=-2.5A, IB=-50mA
-10
-100
-110
-180
-17
-140
-170
-220
mV
Base-emitter saturation voltage *
VBE(sat) IC=-2.5A,IB=-50mA
-0.9
-1
V
Base-emitter voltage *
VBE(ON) IC=-2.5A,VCE=-2V
-0.8
-1
V
DC current gain *
hFE
IC=-10mA, VCE=-2V
IC=-100mA, VCE=-2V
IC=-2.5A, VCE=-2V
IC=-8A, VCE=-2V
IC=-10A, VCE=-2V
300
300
180
60
45
475
450
275
100
70
Current-gain-bandwidth product
fT
IC=-50mA,VCE=-10V,f=100MHz
80
110
MHz
Output capacitance
Cobo
VCB=-10V,f=1MHz
21
30
pF
Turn-on time
t(on)
VCC=-6V, IC=-2A
70
ns
Turn-off time
t(off)
IB1=-IB2=50mA
130
ns
* Pulse test: tp
300 ìs; d
0.02.
FMMT717
Marking
Marking
717



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com