Electronic Components Datasheet Search
  English  ▼

X  

2SD2210 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD2210
Description  Silicon NPN Epitaxial Planar Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD2210 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD2210 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD2210 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base cutoff current
ICBO
VCB =25V, IE =0
1
ìA
Collector-base voltage
VCBO
IC =10ìA, IE =0
25
V
Collector-emitter voltage
VCEO
IC =1mA, IB =0
20
V
Emitter-base voltage
VEBO
IE =10ìA, IC =0
12
V
Forward current transfer ratio
hFE
VCE =2V, IC = 0.5 A
200
800
Collector-emitter saturation voltage
VCE(sat) IC =0.5 A, IB = 20 mA
0.13
0.4
V
Base-emitter saturation voltage
VBE(sat) IC =0.5 A, IB =20mA
1.2
V
Transition frequency
fT
VCB =10V, IE = -50 mA, f = 200 MHz
200
MHz
Collector output capacitance
Cob
VCB =10V, IE = 0,f= 1 MHz
10
pF
ON resistance
Ron
1.0
Ù
2SD2210
hFE Classification
Marking
Rank
R
S
T
hFE
200
350
300
500
400
800
IK



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com