Electronic Components Datasheet Search
  English  ▼

X  

2SC4118 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4118
Description  Silicon NPN Epitaxial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4118 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4118 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
1 Emitter
2 Base
3 Collector
Silicon NPN Epitaxial
2SC4118
Features
Excellent hFE linearity : hFE (2) = 25 (min) (VCE =6V, IC =400 mA)
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
35
V
Collector-emitter voltage
VCEO
30
V
Emitter-base voltage
VEBO
5V
Collector current
IC
500
mA
Base current
IB
50
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
Storage temperature
Tstg
-55to+125
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off current
ICBO
VCB =35V, IE =0
0.1
ìA
Emitter cut-off current
IEBO
VEB =5V, IC =0
0.1
ìA
VCE =1V, IC = 100 mA
70
240
VCE =6V, IC = 400 mA
25
Collector-emitter saturation voltage
VCE (sat) IC = 100 mA, IB = 10 mA
0.1
0.25
V
Base-emitter voltage
VBE
VCE =1V, IC = 100 mA
0.8
1.0
V
Transition frequency
fT
VCE =6V, IC = 20 mA
300
MHz
Collector output capacitance
Cob
VCB =6V, IE = 0,f= 1 MHz
7
pF
DC current gain
hFE
hFE Classification
Marking
WO
WY
hFE
70
140
120
240


Similar Part No. - 2SC4118

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4118 TOSHIBA-2SC4118 Datasheet
140Kb / 3P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY LOW POWER, DRIVER STAGE AMPLIFIER, SWITCHING SPPLICATIONS)
17-Dec-1998
2SC4118 TOSHIBA-2SC4118 Datasheet
329Kb / 4P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency Low Power Amplifier Applications
2SC4118 TOSHIBA-2SC4118_07 Datasheet
329Kb / 4P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency Low Power Amplifier Applications
More results

Similar Description - 2SC4118

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com