Electronic Components Datasheet Search
  English  ▼

X  

STB10NK60Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB10NK60Z
Description  N-channel 650 V, 0.65 廓, 10 A, SuperMESH??Power MOSFET Zener-protected I2PAK, D2PAK, TO-220, TO-220FP, TO-247
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB10NK60Z Datasheet(HTML) 3 Page - STMicroelectronics

  STB10NK60Z_08 Datasheet HTML 1Page - STMicroelectronics STB10NK60Z_08 Datasheet HTML 2Page - STMicroelectronics STB10NK60Z_08 Datasheet HTML 3Page - STMicroelectronics STB10NK60Z_08 Datasheet HTML 4Page - STMicroelectronics STB10NK60Z_08 Datasheet HTML 5Page - STMicroelectronics STB10NK60Z_08 Datasheet HTML 6Page - STMicroelectronics STB10NK60Z_08 Datasheet HTML 7Page - STMicroelectronics STB10NK60Z_08 Datasheet HTML 8Page - STMicroelectronics STB10NK60Z_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
STB10NK60Z, STP10NK60Z, STW10NK60Z
Electrical ratings
3/19
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220
D²PAK,I²PAK
TO-220FP TO-247
VDS
Drain-source voltage (VGS = 0)
600
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
10
10(1)
1.
Limited only by maximum temperature allowed
10
A
ID
Drain current (continuous) at TC = 100 °C
5.7
5.7 (1)
5.7
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
36
36 (1)
36
A
PTOT
Total dissipation at TC = 25 °C
115
35
156
W
Derating factor
0.92
0.28
1.25
W/°C
Vesd(G-S) G-S ESD (HBM C=100 pF, R=1.5 k
Ω)
4000
V
dv/dt (3)
3.
ISD < 10A, di/dt < 200A/µs, VDD =80% V(BR)DSS
Peak diode recovery voltage slope
4.5
V/ns
VISO
Insulation withstand voltage (RMS) from
all three
leads to external heat sink
(t=1 s;TC=25 °C)
--
2500
--
V
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-220
I²PAK
D²PAK TO-220FP TO-247
Rthj-case Thermal resistance junction-case Max
1.09
3.6
0.8
°C/W
Rthj-pcb
Thermal resistance junction-pcb Max
(when mounted on minimum footprint)
60
°C/W
Rthj-amb
Thermal resistance junction-amb Max
62.5
50
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com