Electronic Components Datasheet Search
  English  ▼

X  

2SC4684 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4684
Description  Silicon NPN Epitaxial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4684 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4684 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
www.kexin.com.cn
Silicon NPN Epitaxial
2SC4684
Features
High DC current gain.
Low collector saturation voltage.
High power dissipation.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
VCEO
20
V
VCES
40
V
Emitter-base voltage
VEBO
8V
Collector current
IC
5A
Collector current pulse *
ICP
8A
Base current
IB
0.5
A
Collector power dissipation
Ta =25
1.0
W
Tc =25
10
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
* Pulse test: Pulse width = 10 ms (max), duty cycle = 30% (max)
Collector-emitter voltage
PC
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off current
ICBO
VCB =50V, IE = 0
100
nA
Emitter cut-off current
IEBO
VEB =8V, IC = 0
100
nA
Collector-emitter breakdown voltage
VCEO
IC =10mA, IB =0
20
V
VCE =2V, IC = 0.5 A
800
3200
VCE =2V, IC = 4 A
250
Collector-emitter saturation voltage
VCE (sat) IC =4A, IB =40mA
0.5
V
Base-emitter voltage
VBE
VCE =2V, IC =4A
1.2
V
Transition frequency
fT
VCE =2V, IC = 0.5 A
150
MHz
Collector output capacitance
Cob
VCB =10V, IE = 0, f = 1 MHz
45
pF
DC current gain
hFE
Marking
Marking
C4684


Similar Part No. - 2SC4684

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4684 TOSHIBA-2SC4684 Datasheet
151Kb / 2P
NPN EPITAXIAL TYPE (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
16-Jun-1999
2SC4684 TOSHIBA-2SC4684 Datasheet
162Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC4684 TOSHIBA-2SC4684 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC4684 TOSHIBA-2SC4684_05 Datasheet
162Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
More results

Similar Description - 2SC4684

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com