Electronic Components Datasheet Search
  English  ▼

X  

BA283 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BA283
Description  Silicon Planar Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA283 Datasheet(HTML) 2 Page - Vishay Siliconix

  BA283 Datasheet HTML 1Page - Vishay Siliconix BA283 Datasheet HTML 2Page - Vishay Siliconix BA283 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BA282.BA283
Vishay Telefunken
Rev. 2, 01-Apr-99
2 (3)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85526
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=100mA
VF
1
V
Reverse current
VR=20 V
IR
50
nA
Diode capacitance
f=100MHz, VR=1V
CD
1.5
pF
f=100MHz, VR=3V
BA282
CD
1.25
pF
R
BA283
CD
1.2
pF
Differential forward
f=200MHz, IF=3mA
BA282
rf
0.7
W
resistance
F
BA283
rf
1.2
W
f=200MHz, IF=10mA
BA282
rf
0.5
W
F
BA283
rf
0.9
W
Reverse impedance
f=100MHz, VR=1V
zr
100
k
W
Characteristics (Tj = 25_C unless otherwise specified)
0.1
1
10
0.1
1
10
100
IF – Forward Current ( mA )
100
94 9072
BA 282
BA 283
f = 200 MHz
Tj =25°C
Figure 1. Differential Forward Resistance vs.
Forward Current
0.1
1
10
0
0.5
1.0
1.5
2.0
3.0
VR – Reverse Voltage ( V )
100
94 9073
2.5
BA 282
BA 283
f = 100 MHz
Tj =25°C
Figure 2. Diode Capacitance vs. Reverse Voltage
Dimensions in mm
Cathode Identification
∅ 1.7 max.
∅ 0.55 max.
3.9 max.
26 min.
technical drawings
according to DIN
specifications
94 9366
Standard Glass Case
54 A 2 DIN 41880
JEDEC DO 35
Weight max. 0.3 g
26 min.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com