Electronic Components Datasheet Search
  English  ▼

X  

BA679S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BA679S
Description  Silicon PIN Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA679S Datasheet(HTML) 1 Page - Vishay Siliconix

  BA679S Datasheet HTML 1Page - Vishay Siliconix BA679S Datasheet HTML 2Page - Vishay Siliconix BA679S Datasheet HTML 3Page - Vishay Siliconix BA679S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BA679.BA679S
Vishay Telefunken
Rev. 2, 01-Apr-99
1 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85529
Silicon PIN Diodes
Features
D Wide frequency range 10 MHz to 1 GHz
Applications
Current controlled HF resistance in adjustable
attenuators
94 9371
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
VR
30
V
Forward current
IF
50
mA
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
–55...+125
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on PC board 50mmx50mmx1.6mm
RthJA
500
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=20mA
VF
1
V
Reverse current
VR=30 V
IR
50
nA
Diode capacitance
f=100MHz, VR=0
CD
0.5
pF
Differential forward resistance
f=100MHz, IF=1.5mA
rf
50
W
Reverse impedance
f=100MHz, VR=0
BA679
zr
5
k
W
Reverse impedance
f=100MHz, VR=0
BA679S
zr
9
k
W
Minority carrier lifetime
IF=10mA, IR=10mA
t
4
ms


Similar Part No. - BA679S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA679S VISHAY-BA679S Datasheet
138Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD80
12-Sep-06
BA679S VISHAY-BA679S Datasheet
83Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA679S VISHAY-BA679S Datasheet
81Kb / 4P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA679S VISHAY-BA679S Datasheet
87Kb / 4P
RF PIN Diodes - Single in MiniMELF (SOD-80)
07-Mar-2022
BA679S-GS08 VISHAY-BA679S-GS08 Datasheet
83Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
More results

Similar Description - BA679S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
Silicon PIN Diodes
01-Apr-99
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
SILICON PIN DIODES
BAR14-1 SIEMENS-BAR14-1 Datasheet
69Kb / 3P
Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50 Datasheet
465Kb / 8P
Silicon PIN Diodes
Feb-04-2003
logo
Guangdong Kexin Industr...
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
Silicon PIN Diodes
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50_09 Datasheet
874Kb / 12P
Silicon PIN Diodes
2009-05-13
BAR-50-02V-H6327 INFINEON-BAR-50-02V-H6327 Datasheet
982Kb / 12P
Silicon PIN Diodes
2011-07-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com