Electronic Components Datasheet Search
  English  ▼

X  

KTS2004 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KTS2004
Description  Ultrahigh-Speed Switching Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KTS2004 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KTS2004 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KTS2004 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
IC
Switching Time Test Circuit
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain-to Source Breakdown Voltage
V(BR)DSS ID=1mA, VGS=0
30
V
Zero Gate Voltage Drain Current
IDSS
VDS =30V, VGS =0V
10
A
Gate-to-Source Leakage Current
IGSS
VGS =
16 V, VDS =0V
10
A
Cutoff Voltage
VGS(off)
VDS =10V, ID =1mA
1.0
2.4
V
Forward Transfer Admittance
Yfs
VDS =10V, ID =4A
5
8
S
RDS(on)1 VGS =10V, ID =4A
36
46
m
RDS(on)2 VGS =4V, ID =4A
58
78
m
Input Capacitance
Ciss
460
pF
Output Capacitance
Coss
250
pF
Reverse Transfer Capacitance
Crss
120
pF
Turn-on Delay Time
td(on)
10
ns
Rise Time
tr
See Specified Test Circuit
90
ns
Turn-off Delay Time
td(off)
70
ns
Fall Time
tf
75
ns
Total Gate Charge
Qg
VDS= 10 V
15
nC
Gate-to-Source Charge
Qgs
VGS =10V
3
nC
Gate-Drain"Miller" Charge
Qgd
ID =4A
4
nC
Diode Forward Voltage
VSD
IS=4A, VGS = 0 V
0.85
1.2
V
Drain to Source On-state Resistance
VDS =10V,f =1MHz
KTS2004



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com