Electronic Components Datasheet Search
  English  ▼

X  

GD2 Datasheet(PDF) 1 Page - Allen-Bradley

Part # GD2
Description  Non contact Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

GD2 Datasheet(HTML) 1 Page - Allen-Bradley

  GD2 Datasheet HTML 1Page - Allen-Bradley GD2 Datasheet HTML 2Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3-50
Interlock Switches
Non contact Switches
Ferrogard GD2
Description
The Ferrogard range of magnetically actuated safety switches offers
Non contact reliability together with tolerance to misalignment.
They are designed to be installed so that when a guard door is
opened, the action of the magnetic actuator being removed from the
switch opens the N.C. safety contacts which are intended for the
isolation of control power to a machine primary control element.
The GD2 version has a stainless steel housing for added protection
against inadvertent impacts to the housing. The contacts are
completely sealed to meet IP68 (NEMA6P) requirements, making
them ideal for wet environments. The GD2 also has a wider
temperature range than the plastic Ferrogard switches, making them
useful in a wider range of applications.
Unlike some magnetic switches, the Ferrogards have protected
safety contacts to help ensure that they do not fail to danger. In
addition, some versions have independent auxiliary signal contacts
to indicate the machine and guard condition.
All Ferrogards have internal non-resettable overload protection on
the safety contact. They should be protected by an external fuse
rated as shown in the specifications table.
Features
• Non contact actuation
• High tolerance to misalignment
• High switching current (up to 2A AC, 1A DC)
• Wide Temperature Range (-25°C to +125°C)
• Stainless Steel Housing
• Various Contact Arrangements
Specifications
Standards
EN954-1, ISO13849-1, IEC/EN60204-1,
NFPA79, EN1088, ISO14119,
ANSI B11.19, AS4024.1
Category
Cat. 1 Device per EN954-1
Dual channel interlocks suitable for Cat.
3 or 4 systems
Approvals
CE marked for all applicable directives
and cULus
Reed Contacts
Safety Auxiliary
Operating Distance – Make
12mm (0.47in) 15mm (0.59in)
Operating Distance – Break
23mm (0.91in) 26mm (1.02in)
Closing Time
3.0ms 0.5ms
Dropout Time
2.1ms 0.3ms
Bounce Time
0.7ms 0.7ms
Initial Contact Resistance
15m
Ω 10mΩ
Initial Capacitance, Terminal
to Terminal
0.65pF 0.2pF
Initial Insulation Resistance,
Terminal to Terminal
1x106
Ω 1x106 Ω
Safety Contact Switching
Capability
AC
DC
250V AC 2A max
24V DC 1A max
Safety Contact External
Fusing
AC
DC
<1.6A quick blow
<0.8A quick blow
Auxiliary Contact Switching
Capability
300V DC, 250V AC, 0.5A including
inrush. 15VA/10W suitable for AC/DC
circuits
Min Initial Breakdown
Voltage
600V AC
600V AC
Environmental
IP68 (NEMA 6P)
Cable
0.50mm2 (20 AWG) 7 wire
Flexible thermoplastic elastomer
Jacket OD 8mm (0.2in)
Operating Temperature
-25°C to +125°C (-13° to +257°F)
Case Material
Stainless Steel; BS3146 ANC4B (316L)
Mounting
Any Position; M4 mounting security
screws included
Weight (not including cable)
Sensor
Actuator 156g (0.34lbs)
168g (0.37lbs)
Electrical Life
1 x 106 at rated load
Mechanical Life
10 x106
Vibration
7-15g, 10 to 200Hz
Shock
50g


Similar Part No. - GD2

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
GD20 AVX-GD20 Datasheet
105Kb / 1P
Microwave SLCs ULTRA MAXI Series
GD20 AVX-GD20 Datasheet
107Kb / 1P
Microwave SLCs
logo
StarPower Europe AG
GD200CEY120C2S STARPOWER-GD200CEY120C2S Datasheet
188Kb / 9P
1200V/200A 2 in one-package
11/30/2016
GD200CLX65C2S STARPOWER-GD200CLX65C2S Datasheet
614Kb / 9P
650V/200A chopper in one package
6/30/2021
GD200CUY120C2S STARPOWER-GD200CUY120C2S Datasheet
186Kb / 9P
1200V/200A chopper in one-package
4/7/2016
More results

Similar Description - GD2

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
Non contact Switches
FRS6 ALLEN-BRADLEY-FRS6 Datasheet
57Kb / 2P
Non contact Switches
FRS3 ALLEN-BRADLEY-FRS3 Datasheet
54Kb / 2P
Non contact Switches
FRS1 ALLEN-BRADLEY-FRS1 Datasheet
90Kb / 4P
Non contact Switches
440N-S32014 ALLEN-BRADLEY-440N-S32014 Datasheet
90Kb / 4P
Non contact Switches
440N-S32013 ALLEN-BRADLEY-440N-S32013 Datasheet
95Kb / 4P
Non contact Switches
440N-N15017 ALLEN-BRADLEY-440N-N15017 Datasheet
81Kb / 4P
Non contact Switches
440N-C02068 ALLEN-BRADLEY-440N-C02068 Datasheet
126Kb / 4P
Non contact Switches
logo
SICK AG
STR1-SAFF0AC8 SICK-STR1-SAFF0AC8 Datasheet
459Kb / 9P
NON-CONTACT SAFETY SWITCHES
STR1-SAFM0AC5 SICK-STR1-SAFM0AC5 Datasheet
482Kb / 9P
NON-CONTACT SAFETY SWITCHES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com