Electronic Components Datasheet Search
  English  ▼

X  

GS2 Datasheet(PDF) 2 Page - Allen-Bradley

Part # GS2
Description  Non contact Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

GS2 Datasheet(HTML) 2 Page - Allen-Bradley

  GS2 Datasheet HTML 1Page - Allen-Bradley GS2 Datasheet HTML 2Page - Allen-Bradley GS2 Datasheet HTML 3Page - Allen-Bradley GS2 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Interlock Switches
3-53
Non contact Switches
Ferrogard GS1 & GS2
Product Selection
Note: Contacts are described with the guard door closed, that is, actuator in place. Switch is shipped complete with Actuator.
Accessories
Approximate Dimensions—mm (inches)
Dimensions are not intended to be used for installation purposes.
Typical Wiring Diagrams
Note: Unit must be to a grounded to a grounded metal frame or grounded via the field wiring per NEC requirements.
Application Details
See page 3-54 for operating principles and mounting examples.
Safety Contact
Switching Capability
Safety Contacts
Auxiliary
Contacts
Connection
Housing
Type
Catalogue
Number
250V AC, 2A
1 N.C.
None
2m Cable
Brass
GS 1
440N-G02048
Stainless Steel
440N-G02049
3m Cable
Brass
GS 2 Ex
440N-H02046
Stainless Steel
440N-H02047
Description
Used with
Page Number
Catalogue Number
Actuator, Alnico
Brass Switch
—
440N-A02056
Actuator, Epoxy-painted
Stainless Steel
—
440N-A02057
GS1 Switch
GS1 & GS2 Actuator
GS2 Switch
12 (0.47)
11 (0.43)
19
(0.75)
22
(0.87)
6.5
(0.26)
16
(0.63)
6.5
(0.26)
19
(0.75)
13
(0.51)
17
(0.67)
25
(0.98)
7
(0.28)
20
(0.79)
Blue
Brown
Safety
N.C.
Fuse
Externally
Cable
QD
Safety
N.C.
Fuse
Externally



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com