Electronic Components Datasheet Search
  English  ▼

X  

KAV99 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KAV99
Description  High-Speed Double Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KAV99 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KAV99 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KAV99 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KAV99 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Features
Small plastic SMD package.
High switching sped: max.4 ns.
Repetitive peak forward current: max.450 mA.
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Max
Unit
IF =1 mA
715
mV
IF =10 mA
855
mV
IF =50 mA
1
V
IF =150 mA
1.25
V
VR =25 V
30
nA
VR =75 V
1
A
VR =25 V; Tj= 150
30
A
VR =75 V; Tj= 150
50
A
Diode capacitance
Cd
VR =0 V, f= 1 MHz
1.5
pF
Reverse recovery time
trr
when switched from IF=10mA to
IR=10mA;RL=100
;measured atIR=1mA
4nS
Forward recovery voltage
Vfr
IF =10mA, tr=20ns
1.75
V
VF
IR
Forward voltage
Reverse current
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
85
V
Continuous reverse voltage
VR
75
V
Continuous forward current(single diode loaded *)
---------------------------------(double diode loaded *)
IF
215
125
mA
Repetitive peak forward current
IFRM
450
mA
Non-repetitive peak forward current Tj=25
t=1
s
4
t=1ms
1
t=1s
0.5
power dissipation *
PD
250
mW
Thermal resistance from junction to tie-point
Rth j-tp
360
K/W
Thermal resistance from junction to ambient *
Rth j-a
500
K/W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-65to+150
* Device mounted on an FR4 printed-circuit board.
IFSM
A
Marking
Marking
A7
High-Speed Double Diode
KAV99(BAV99)


Similar Part No. - KAV99

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KAV99BRW KEXIN-KAV99BRW Datasheet
43Kb / 1P
Quad Surface Mount Switching Diode Array
KAV99DW KEXIN-KAV99DW Datasheet
43Kb / 1P
Quad Surface Mount Switching Diode Array
KAV99W KEXIN-KAV99W Datasheet
49Kb / 1P
Dual Surface Mount Switching Diode
More results

Similar Description - KAV99

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
High-speed double diode
1999 May 26
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
High-speed double diode
1999 May 06
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
High-speed double diode
1999 May 05
logo
Guangdong Kexin Industr...
BAS28 KEXIN-BAS28 Datasheet
40Kb / 2P
High-Speed Double Diode
KAV70 KEXIN-KAV70 Datasheet
74Kb / 3P
High-Speed Double Diode
logo
NXP Semiconductors
1PS300 NXP-1PS300 Datasheet
127Kb / 8P
High-speed double diode
1996 Oct 04
logo
Shenzhen Luguang Electr...
BAS56 LUGUANG-BAS56 Datasheet
281Kb / 4P
High-speed Double Diode
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74_15 Datasheet
133Kb / 9P
High-speed double diode
2004 Jan 14
logo
Micro Commercial Compon...
BAS28 MCC-BAS28 Datasheet
376Kb / 3P
High-Speed Double Diode
logo
Nexperia B.V. All right...
PMBD7100 NEXPERIA-PMBD7100 Datasheet
320Kb / 11P
High-speed double diode
2003 Nov 07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com