Electronic Components Datasheet Search
  English  ▼

X  

CMSD2004S Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # CMSD2004S
Description  High Voltage Switching Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

CMSD2004S Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  CMSD2004S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Diodes
High Voltage Switching Diode
KMSD2004S(CMSD2004S)
Marking
Marking
B6D
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Continuous reverse voltage
VR
240
V
Peak repetitive reverse voltage
VRRM
300
V
Peak repetitive reverse current
IO
200
mA
Continuous forward current
IF
225
mA
Peak repetitive forward current
IFRM
625
mA
Forward surge current tp=1
s
4000
mA
tp=1s
1000
mA
Power dissipation
PD
250
mW
Thermal Resistance.Junction-to-Ambient
RthJA
500
/W
Operating and storage Junction temperature
TJ.Tstg
-65 to 150
IFSM
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V(BR)R
IR=100
A
300
V
Forward Voltage
VF
IF = 100mA
-
V
VR = 200V
-
nA
VR = 200V, TA= 150
-
A
VR = 240V
100
nA
VR = 240V, TA= 150
100
A
Junction Capacitance
Cj
VR = 0, f = 1.0MHz
5
pF
Reverse Recovery Time
trr
IF =IR =30mA,Recov.to 3.0mA, RL = 100
50
ns
IR
Peak Reverse Current
SMD Type
Diodes
1
www.kexin.com.cn


Similar Part No. - CMSD2004S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSD2004S CENTRAL-CMSD2004S Datasheet
124Kb / 2P
HIGH VOLTAGE SWITCHING DIODE
logo
Jiangsu Changjiang Elec...
CMSD2004S JIANGSU-CMSD2004S Datasheet
1,000Kb / 4P
SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
CMSD2004S BILIN-CMSD2004S Datasheet
240Kb / 3P
Surface mount switching diode
Rev.B
CMSD2004S BILIN-CMSD2004S Datasheet
172Kb / 3P
Surface mount switching diode
logo
Shunxin Technology Co.,...
CMSD2004S SXSEMI-CMSD2004S Datasheet
760Kb / 3P
SWITCHING DIODE
More results

Similar Description - CMSD2004S

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com