Electronic Components Datasheet Search
  English  ▼

X  

LT3085EDCB Datasheet(PDF) 21 Page - Linear Technology

Part # LT3085EDCB
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085EDCB Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3085EDCB Datasheet HTML 17Page - Linear Technology LT3085EDCB Datasheet HTML 18Page - Linear Technology LT3085EDCB Datasheet HTML 19Page - Linear Technology LT3085EDCB Datasheet HTML 20Page - Linear Technology LT3085EDCB Datasheet HTML 21Page - Linear Technology LT3085EDCB Datasheet HTML 22Page - Linear Technology LT3085EDCB Datasheet HTML 23Page - Linear Technology LT3085EDCB Datasheet HTML 24Page - Linear Technology LT3085EDCB Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3085
21
3085fa
TYPICAL APPLICATIONS
Adding Soft-Start
Coincident Tracking
+
–
LT3085
IN
VCONTROL
OUT
4.7μF
VOUT3
5V
0.5A
SET
C3
4.7μF
+
–
LT3085
IN
VCONTROL
OUT
VOUT2
3.3V
0.5A
3085 TA08
SET
R2
80.6k
169k
C2
4.7μF
C1
1.5μF
+
–
LT3085
IN
VCONTROL
VIN
7V TO 28V
OUT
SET
R1
249k
VOUT1
2.5V
0.5A
+
–
LT3085
IN
VIN
4.8V to 28V
VCONTROL
OUT
VOUT
3.3V
0.5A
COUT
4.7μF
3085 TA07
SET
R1
332k
C2
0.01μF
C1
1μF
D1
1N4148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com