Electronic Components Datasheet Search
  English  ▼

X  

1SS358 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS358
Description  Schottkty Barrier Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS358 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS358 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Diodes
www.kexin.com.cn
1
Schottkty Barrier Diode
1SS358
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Features
Small interterminal capacitance
Low forward voltage and excellent detection efficiency
High breakdown voltage
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
peak reverse voltage
VR
55
V
Forward current
IF
10
mA
Power dissipation
P
150
mW
Junction Temperature
Tj
125
Storage Temperature range
Tstg
-55to+125
Marking
Marking
DH
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 1 mA
0.35
V
Reverse voltage
VR
IR=100
A
55
V
Forward Current
IF
VF=1V
10
mA
Reverse current
IR
VR = 40V
50
A
Interterminal l capacitance
C
VR = 0, f = 1.0 MHz
0.45
pF


Similar Part No. - 1SS358

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SS358 SANYO-1SS358 Datasheet
55Kb / 2P
VHF, UHF Detector and Mixer Applications
logo
Chenmko Enterprise Co. ...
1SS358PT CHENMKO-1SS358PT Datasheet
103Kb / 2P
SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere
More results

Similar Description - 1SS358

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Rohm
RB451F_ ROHM-RB451F_ Datasheet
189Kb / 4P
Shottky barrier diode
logo
PACELEADER INDUSTRIAL
SM34A PACELEADER-SM34A Datasheet
1,011Kb / 5P
3A Low VF Schottkty Barrier Rectifiers 40V~200V
logo
Shanghai Leiditech Elec...
SRT40U100DC LEIDITECH-SRT40U100DC Datasheet
898Kb / 2P
LOW Schottkty Barrier Rectifier Data Sheet
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com