Electronic Components Datasheet Search
  English  ▼

X  

BAS81 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAS81
Description  Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS81 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAS81 Datasheet HTML 1Page - Vishay Siliconix BAS81 Datasheet HTML 2Page - Vishay Siliconix BAS81 Datasheet HTML 3Page - Vishay Siliconix BAS81 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS81...BAS83
Vishay Telefunken
Rev. 3, 01-Apr-99
1 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85509
Schottky Barrier Diodes
Features
D Integrated protection ring against static dis-
charge
D Low capacitance
D Low leakage current
D Low forward voltage drop
D Very low switching time
Applications
HF–Detector
Protection circuit
Diode for low currents with a low supply voltage
Small battery charger
Power supplies
DC / DC converter for notebooks
94 9371
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
BAS81
VR
40
V
g
BAS82
VR
50
V
BAS83
VR
60
V
Peak forward surge current
tp=1s
IFSM
500
mA
Repetitive peak forward current
IFRM
150
mA
Forward current
IF
30
mA
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
–65...+150
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on PC board 50mmx50mmx1.6mm
RthJA
320
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=0.1mA
VF
330
mV
g
IF=1mA
VF
410
mV
IF=15mA
VF
1
V
Reverse current
VR=VRmax
IR
200
nA
Diode capacitance
VR=1V, f=1MHz
CD
1.6
pF


Similar Part No. - BAS81

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS81 PHILIPS-BAS81 Datasheet
43Kb / 8P
Schottky barrier diodes
1998 Jun 24
logo
Vishay Siliconix
BAS81 VISHAY-BAS81 Datasheet
75Kb / 5P
Small Signal Schottky Diodes
15-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BAS81 SEMTECH_ELEC-BAS81 Datasheet
185Kb / 3P
SILICON SCHOTTKY BARRIER DIODES
logo
GOOD-ARK Electronics
BAS81 GOOD-ARK-BAS81 Datasheet
114Kb / 2P
Small Signal Schottky Barrier Diodes
logo
Vishay Siliconix
BAS81 VISHAY-BAS81 Datasheet
111Kb / 5P
Small Signal Schottky Diodes
23-Jul-10
More results

Similar Description - BAS81

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com