Electronic Components Datasheet Search
  English  ▼

X  

BAT85S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAT85S
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT85S Datasheet(HTML) 1 Page - Vishay Siliconix

  BAT85S Datasheet HTML 1Page - Vishay Siliconix BAT85S Datasheet HTML 2Page - Vishay Siliconix BAT85S Datasheet HTML 3Page - Vishay Siliconix BAT85S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAT85S
Vishay Telefunken
1 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85513
Rev. 3, 01-Apr-99
Schottky Barrier Diode
Features
D Integrated protection ring against
static discharge
D Very low forward voltage
Applications
Applications where a very low forward voltage
is required
94 9367
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
VR
30
V
Peak forward surge current
tp ≤ 10 ms
IFSM
5
A
Repetitive peak forward current
tp≤1s
IFRM
300
mA
Forward current
IF
200
mA
Average forward current
PCB mounting, l=4mm;
VRWM=25V, Tamb=50°C
IFAV
200
mA
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
–65...+150
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=4mm, TL=constant
RthJA
350
K/W


Similar Part No. - BAT85S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAT85S VISHAY-BAT85S Datasheet
116Kb / 5P
Small Signal Schottky Diode
26-Feb-07
BAT85S VISHAY-BAT85S Datasheet
175Kb / 6P
Small Signal Schottky Diode
23-Jul-10
BAT85S VISHAY-BAT85S Datasheet
105Kb / 4P
Small Signal Schottky Diode
23-Jul-10
logo
SUNMATE electronic Co.,...
BAT85S SUNMATE-BAT85S Datasheet
151Kb / 2P
200mA Surface Mount Schottky Barrier Diodes
logo
Vishay Siliconix
BAT85S VISHAY-BAT85S Datasheet
83Kb / 3P
Small Signal Schottky Diode
16-Nov-2021
More results

Similar Description - BAT85S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com