Electronic Components Datasheet Search
  English  ▼

X  

BAT86S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAT86S
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT86S Datasheet(HTML) 2 Page - Vishay Siliconix

  BAT86S Datasheet HTML 1Page - Vishay Siliconix BAT86S Datasheet HTML 2Page - Vishay Siliconix BAT86S Datasheet HTML 3Page - Vishay Siliconix BAT86S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT86S
Vishay Telefunken
Rev. A3, 01-Apr-99
2 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85514
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=0.1mA
VF
300
mV
g
IF=1mA
VF
380
mV
IF=10mA
VF
450
mV
IF=30mA
VF
600
mV
IF=100mA
VF
900
mV
Reverse current
VR=40V
IR
5
mA
Diode capacitance
VR=1V, f=1MHz
CD
8
pF
Characteristics (Tj = 25_C unless otherwise specified)
0
50
100
150
200
250
300
350
400
450
500
25
50
75
100
125
150
Tj – Junction Temperature ( °C )
15827
VR = 50 V
540K/W
PR–Limit
@100%VR
PR–Limit
@80%VR
RthJA=
Figure 1. Max. Reverse Power Dissipation vs.
Junction Temperature
1
10
100
1000
10000
25
50
75
100
125
150
1
10
100
1000
10000
25
50
75
100
125
150
Tj – Junction Temperature ( °C )
15828
VR = VRRM
Figure 2. Reverse Current vs. Junction Temperature
0
0.5
1.0
1.5
VF – Forward Voltage ( V )
15829
Tj =25°C
Tj = 150°C
0.1
1
10
100
1000
Figure 3. Forward Current vs. Forward Voltage
0
1
2
3
4
5
6
7
8
9
10
0.1
1.0
10.0
100.0
VR – Reverse Voltage ( V )
15830
f=1MHz
Figure 4. Diode Capacitance vs. Reverse Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com