Electronic Components Datasheet Search
  English  ▼

X  

2SA2018 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA2018
Description  Low Frequency Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA2018 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA2018 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
SOT-523
Unit: mm
0.2+0.05
-0.05
1.0+0.1
-0.1
1.6+0.1
-0.1
0.3+0.25
-0.05
0.5+0.1
-0.1
0.1+0.01
-0.01
1
2
3
1. Base
2. Emitter
3. Collecter
Low Frequency Transistor
2SA2018
Features
A collector current is large
Collector saturation voltage is low. VCE(sat)
250mA
at IC=200mA/IB=10mA
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
15
V
Collector-emitter voltage
VCEO
12
V
IC
500
mA
ICP *1
A
Collector power dissipation
PC
150
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55 to +150
* Single pulse, Pw=1ms
Collector current
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC=10
A
15
V
Collector-emitter breakdown voltage
VCEO
IC=1mA
12
V
Emitter-base breakdown voltage
VEBO
IE=10
A
6V
Collector cutoff current
ICBO
VCB=15V
100
nA
DC current gain
hFE
VCE=2V, IC=10mA
270
680
Collector-emitter saturation voltage
VCE(sat) IC/IB=200mA/10mA
100
250
mV
Output capacitance
Cob
VCB=10V, IE=0A, f=1MHz
6.5
pF
Transition frequency
fT
VCE=2V, IE=10mA, f=100MHz
260
MHz
Marking
Marking
BW


Similar Part No. - 2SA2018

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2018 ROHM-2SA2018 Datasheet
80Kb / 3P
Low frequency transistor
2SA2018 ROHM-2SA2018 Datasheet
145Kb / 3P
Low frequency transistor
logo
Weitron Technology
2SA2018 WEITRON-2SA2018 Datasheet
181Kb / 3P
PNP Genera Purpose Transistors
logo
Rohm
2SA2018 ROHM-2SA2018 Datasheet
1Mb / 12P
Low frequency transistor(-12V, -500mA)
logo
Galaxy Semi-Conductor H...
2SA2018 BILIN-2SA2018 Datasheet
169Kb / 4P
LOW FREQUENCY TRANSISTOR
More results

Similar Description - 2SA2018

ManufacturerPart #DatasheetDescription
logo
Rohm
UML1N ROHM-UML1N Datasheet
25Kb / 1P
Low-frequency transistor
logo
Guangdong Kexin Industr...
2SB1197K KEXIN-2SB1197K Datasheet
39Kb / 1P
Low Frequency Transistor
2SD2150 KEXIN-2SD2150 Datasheet
35Kb / 1P
Low Frequency Transistor
logo
Leshan Radio Company
L2SA2030M3T5G LRC-L2SA2030M3T5G Datasheet
107Kb / 3P
Low frequency transistor
logo
Rohm
2SA2018 ROHM-2SA2018_1 Datasheet
145Kb / 3P
Low frequency transistor
logo
WILLAS ELECTRONIC CORP
2SB1197KXLT1 WILLAS-2SB1197KXLT1 Datasheet
316Kb / 3P
Low Frequency Transistor
logo
Galaxy Semi-Conductor H...
2SA2018 BILIN-2SA2018 Datasheet
169Kb / 4P
LOW FREQUENCY TRANSISTOR
2SC5585 BILIN-2SC5585 Datasheet
166Kb / 4P
LOW FREQUENCY TRANSISTOR
2SA2018 BILIN-2SA2018_17 Datasheet
155Kb / 4P
LOW FREQUENCY TRANSISTOR
logo
DONGGUAN YOU FENG WEI E...
2SB1197 YFWDIODE-2SB1197 Datasheet
325Kb / 2P
Low Frequency Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com