Electronic Components Datasheet Search
  English  ▼

X  

BAV100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAV100
Description  Silicon Epitaxial Planar Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV100 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAV100 Datasheet HTML 1Page - Vishay Siliconix BAV100 Datasheet HTML 2Page - Vishay Siliconix BAV100 Datasheet HTML 3Page - Vishay Siliconix BAV100 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV100...BAV103
Vishay Telefunken
Rev. 2, 01-Apr-99
2 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85542
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=100mA
VF
1
V
Reverse current
VR=50V
BAV100
IR
100
nA
VR=100V
BAV101
IR
100
nA
VR=150V
BAV102
IR
100
nA
VR=200V
BAV103
IR
100
nA
Tj=100°C, VR= 50V
BAV100
IR
15
mA
Tj=100°C, VR=100V
BAV101
IR
15
mA
Tj=100°C, VR=150V
BAV102
IR
15
mA
Tj=100°C, VR=200V
BAV103
IR
15
mA
Breakdown voltage
IR=100mA, tp/T=0.01,
BAV100
V(BR)
60
V
g
R
m
tp=0.3ms
BAV101
V(BR)
120
V
BAV102
V(BR)
200
V
BAV103
V(BR)
250
V
Diode capacitance
VR=0, f=1MHz
CD
1.5
pF
Differential forward
resistance
IF=10mA
rf
5
W
Reverse recovery time
IF=IR=30mA, iR=3mA,
RL=100W
trr
50
ns
Characteristics (Tj = 25_C unless otherwise specified)
0
40
80
120
160
0.01
0.1
1
10
1000
Tj – Junction Temperature ( °C )
200
94 9084
100
Scattering Limit
VR =VRRM
Figure 1. Reverse Current vs. Junction Temperature
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF – Forward Voltage ( V )
2.0
94 9085
Scattering Limit
Tj =25°C
Figure 2. Forward Current vs. Forward Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com